Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RZ20HA-TL Datasheet (PDF) - RICOH electronics devices division

RN5RZ20HA-TL Datasheet PDF - RICOH electronics devices division
Part # RN5RZ20HA-TL
Download  RN5RZ20HA-TL Download

File Size   151.89 Kbytes
Page   24 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR

RN5RZ20HA-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
RN5RZ20HA-TL Datasheet PDF - RICOH electronics devices division

Part # RN5RZ20HA-TL
Download  RN5RZ20HA-TL Click to download

File Size   151.89 Kbytes
Page   24 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR

RN5RZ20HA-TL Datasheet (HTML) - RICOH electronics devices division

Back Button RN5RZ20HA-TL Datasheet HTML 1Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 2Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 3Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RZ20HA-TL Datasheet HTML 10Page - RICOH electronics devices division Next Button 

RN5RZ20HA-TL Product details

OUTLINE

The RN5RZ Series are voltage regulator ICs with high output voltage accuracy, low supply current, low dropout voltage and high ripple rejection developed through the use of a CMOS process. Each of these voltage regulator ICs consists of a voltage reference unit, an error amplifier, output voltage setting resistors, a current limit circuit and a chip enable circuit. (Provided two types of chip enable circuit ; “H” active and “L” active, that can be selected when order.)



FEATURES

• Ultra-Low Supply Current...........................................TYP. 20µA

• Ultra-Low Supply Current (Standby).........................TYP. 0.1µA

• High Accuracy Output Voltage ..................................±2.0%

• High Ripple Rejection .................................................TYP.55dB (f=1kHz)

• Low Dropout Voltage ..................................................TYP. 0.2V (IOUT=60mA)

• Low Temperature-Drift Coefficient of Output Voltage........TYP. ±100ppm/˚C

• Excellent Line Regulation...........................................TYP. 0.05%/V

• Output Voltage .............................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible (refer to Selection Guide).

• Built-in Short Current Limit Circuit...........................TYP. 50mA

• Small Package ..............................................................SOT-23-5 (Mini-mold)



APPLICATIONS

• Power source for battery-powered equipment.

• Power source for cellular phones, cameras, VCRs, camcorders, hand-held audio instruments and hand-held communication equipment.

• Power source for domestic appliances.




Similar Part No. - RN5RZ20HA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RZ20AA-TR-FE RICOH-RN5RZ20AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ20BA-TR-FE RICOH-RN5RZ20BA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ20CA-TR-FE RICOH-RN5RZ20CA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
More results


Similar Description - RN5RZ20HA-TL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_11 Datasheet
245Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com