Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5VD26AC-TL Datasheet (PDF) - RICOH electronics devices division

RN5VD26AC-TL Datasheet PDF - RICOH electronics devices division
Part # RN5VD26AC-TL
Download  RN5VD26AC-TL Download

File Size   198.57 Kbytes
Page   28 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description VOLTAGE DETECTOR WITH OUTPUT DELAY

RN5VD26AC-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
RN5VD26AC-TL Datasheet PDF - RICOH electronics devices division

Part # RN5VD26AC-TL
Download  RN5VD26AC-TL Click to download

File Size   198.57 Kbytes
Page   28 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description VOLTAGE DETECTOR WITH OUTPUT DELAY

RN5VD26AC-TL Datasheet (HTML) - RICOH electronics devices division

Back Button RN5VD26AC-TL Datasheet HTML 1Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 2Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 3Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 4Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 5Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 6Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 7Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 8Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 9Page - RICOH electronics devices division RN5VD26AC-TL Datasheet HTML 10Page - RICOH electronics devices division Next Button 

RN5VD26AC-TL Product details

RN5VD SERIES
OUTLINE
The RN5VD Series are voltage detector ICs with output delay functions and high detector threshold accuracy and ultra-low supply current by CMOS process, which can be operated at an extremely low volt age and is used,for instance, for system reset.
Each of these ICs consists of a voltage reference unit, a comparator, resistors for voltage detection, an output driver, a hysteresis circuit and an output delay generator.  The detector threshold is fixed with high accuracy in the IC and requires no adjustment.
The RN5VD Series are operable by a lower voltage than that for the R×5VL Series, and can be driven by a single battery. Two output types, Nch open drain type and CMOS type, are available.  Since the package for these ICs are SOT-23-5(Mini-mold)package, high density mounting of the ICs on board is possible.

FEATURES
• Output Delay ...................................................... TYP. 100ms  with external capacitor : 0.15µF
• Ultra-low supply current ................................... TYP. 1.0µA (RN5VD15×: VDD=3.5V)
• Broad Operating Voltage Range .......................0.7V  to 10.0V
• Detector Threshold ............................................ Stepwise setting with a step of 0.1V in the range of 0.9V to 6.0V is possible. (refer to Selection Guide) .
• High accuracy detector threshold ..................... ±2.5%
• Low Temperature-Drift Coefficient of Detector Threshold ........... TYP. ±100ppm/˚C
• Two Output Types .............................................. Nch Open Drain and CMOS
• Small Package .................................................... SOT-23-5(Mini-mold)

APPLICATIONS
• CPU & Logic Circuit Reset
• Battery Checker
• Window Comparator
• Wave Shaping Circuit
• Battery Back-Up Circuit
• Power Failure Detector




Similar Part No. - RN5VD26AC-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VL27A RICOH-RN5VL27A Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-RF RICOH-RN5VL27A-RF Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-RR RICOH-RN5VL27A-RR Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-T1 RICOH-RN5VL27A-T1 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-T2 RICOH-RN5VL27A-T2 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
More results


Similar Description - RN5VD26AC-TL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
TC51N2702ECBTR MICROCHIP-TC51N2702ECBTR Datasheet
449Kb / 14P
   1UA Voltage Detector with Output Delay
05/01/02
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
   1關A Voltage Detector with Output Delay
2002
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com