Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P821A Datasheet (PDF) - Samsung semiconductor

S3P821A Datasheet PDF - Samsung semiconductor
Part # S3P821A
Download  S3P821A Download

File Size   281.77 Kbytes
Page   33 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description S3C8-SERIES MICROCONTROLLES

S3P821A Datasheet (PDF)

Go To PDF Page Download Datasheet
S3P821A Datasheet PDF - Samsung semiconductor

Part # S3P821A
Download  S3P821A Click to download

File Size   281.77 Kbytes
Page   33 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description S3C8-SERIES MICROCONTROLLES

S3P821A Datasheet (HTML) - Samsung semiconductor

Back Button S3P821A Datasheet HTML 1Page - Samsung semiconductor S3P821A Datasheet HTML 2Page - Samsung semiconductor S3P821A Datasheet HTML 3Page - Samsung semiconductor S3P821A Datasheet HTML 4Page - Samsung semiconductor S3P821A Datasheet HTML 5Page - Samsung semiconductor S3P821A Datasheet HTML 6Page - Samsung semiconductor S3P821A Datasheet HTML 7Page - Samsung semiconductor S3P821A Datasheet HTML 8Page - Samsung semiconductor S3P821A Datasheet HTML 9Page - Samsung semiconductor S3P821A Datasheet HTML 10Page - Samsung semiconductor Next Button 

S3P821A Product details

PRODUCT OVERVIEW
S3C8-SERIES MICROCONTROLLES
Samsungs S3C8 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-programmable ROM sizes. Among the major CPU features are:

— Efficient register-oriented architecture
— Selectable CPU clock sources
— Idle and Stop power-down mode release by interrupt
— Built-in basic timer with watchdog function

A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more interrupt sources and vectors. Fast interrupt processing (within a minimum of six CPU clocks) can be assigned to specific interrupt levels.

S3C821A/P821A MICROCONTROLLER
The S3C821A/P821A single-chip CMOS microcontroller is fabricated using the highly advanced CMOS process, based on Samsung’s newest CPU architecture.
The S3C821A is a microcontroller with a 48-Kbyte mask-programmable ROM embedded.
The S3P821A is a microcontroller with a 48-Kbyte one-time-programmable ROM embedded.

Using a proven modular design approach, Samsung engineers have successfully developed the S3C821A/P821A by integrating the following peripheral modules with the powerful SAM8 core:

— Six programmable I/O ports, including five 8-bit ports and one 7-bit port, for a total of 47 pins.
— Twelve bit-programmable pins for external interrupts.
— One 8-bit basic timer for oscillation stabilization and watchdog functions (system reset).
— One 8-bit timer/counter and one 16-bit timer/counter with selectable operating modes.
— Watch timer for real time.
— 4-input A/D converter
— Serial I/O interface

The S3C821A/P821A is versatile microcontroller for cordless phone, pager, etc. They are currently available in 80-pin TQFP and 80-pin QFP package.




Similar Part No. - S3P821A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P8245 SAMSUNG-S3P8245 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3P8249 SAMSUNG-S3P8249 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3P825 SAMSUNG-S3P825 Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
S3P825A SAMSUNG-S3P825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
S3P826A SAMSUNG-S3P826A Datasheet
1Mb / 160P
   8-Bit CMOS Microcontroller
More results


Similar Description - S3P821A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C80E5 SAMSUNG-S3C80E5 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
S3C80F7 SAMSUNG-S3C80F7 Datasheet
213Kb / 34P
   S3C8-SERIES MICROCONTROLLERS
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C8248 SAMSUNG-S3C8248 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com