Manufacturer | Part # | Datasheet | Description |
Molex Electronics Ltd. |
0850090452
|
157Kb / 4P |
2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au)
|
0850090684
|
156Kb / 4P |
2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au)
|
0850090012
|
161Kb / 4P |
2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 32 Circuits
|
0850090074
|
161Kb / 4P |
2.54mm (.100") Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 64 Circuits
|
0850090048
|
162Kb / 4P |
2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 0.6關 (24關) Selective Gold (Au), 42 Circuits
|
0850090555
|
161Kb / 4P |
2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 1關m (40關) Selective Gold (Au), 32 Circuits
|
0850090854
|
92Kb / 3P |
2.54mm (.100") Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M,Right Angle, Through Hole, 1關m (40關") Selective Gold (Au), 48 Circuits
|
0850170074
|
99Kb / 3P |
2.54mm (.100") Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M(Hybrid type), Inverse Press-Fit, 0.6關m (24關") Gold (Au) Selective, 48 Circuits
|
0850170220
|
103Kb / 3P |
2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M (Hybrid type), Inverse Press-Fit, 0.6關m (24關) Gold (Au) Selective, 32 Circuits
|
0850090115
|
257Kb / 5P |
2.54mm (.100") Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle
|