Manufacturer | Part # | Datasheet | Description |
Molex Electronics Ltd. |
0878251001
|
295Kb / 6P |
1.27mm (.050) Pitch DDR DIMM Socket, 25 Degree Angle, Through Hole, 2.5V Right Voltage Keys, 2.79mm(.110) Tail Length, 100 Circuits
|
0879190011
|
478Kb / 8P |
1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
|
0879190333
|
478Kb / 8P |
1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Black Latches, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
|
0879190111
|
478Kb / 8P |
1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Natural Latches, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
|
0876932311
|
405Kb / 6P |
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Press-fit, 2.5V Voltage Keys (Left), 3.32mm (.131") Tail Length
|
0877051021
|
467Kb / 8P |
1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 3.18mm (.125") Tail Length
|
0876931311
|
405Kb / 7P |
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Press-fit, 2.5V Voltage Keys (Left)
|
0876930311
|
405Kb / 7P |
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Press-fit, 2.5V Voltage Keys (Left)
|
0878030012
|
28Kb / 2P |
1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole
|
0877051021
|
28Kb / 2P |
1.00mm Pitch DDR-II DIMM Socket, Vertical, Center Keys, 3.18mm Tail Length
|