Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3952 Datasheet (PDF) - Sanyo Semicon Device

2SC3952 Datasheet PDF - Sanyo Semicon Device
Part # 2SC3952
Download  2SC3952 Download

File Size   115.1 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Definition CRT Display Video Output Applications????

2SC3952 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3952 Datasheet PDF - Sanyo Semicon Device

Part # 2SC3952
Download  2SC3952 Click to download

File Size   115.1 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Definition CRT Display Video Output Applications????

2SC3952 Datasheet (HTML) - Sanyo Semicon Device

2SC3952 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3952 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3952 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3952 Datasheet HTML 4Page - Sanyo Semicon Device

2SC3952 Product details

High-Definition CRT Display Video Output Applications

Features
• High fT : fT=700MHz.
• High breakdown voltage : VCEO=70Vmin.
• Small reverse transfer capacitance and excellent high-frequency characteristic : Cre=3.1pF/NPN, 4.8pF/PNP.
• Complementary PNP and NPN types.
• Adoption of FBET process.
• Micaless type.

Applications
• High-definition CRT display video output, wide-band amplifier.



Similar Part No. - 2SC3952

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3950 SANYO-2SC3950 Datasheet
77Kb / 3P
   High-Definition CRT Display Video Output Driver Applications?
2SC3951 SANYO-2SC3951 Datasheet
114Kb / 4P
   High-Definition CRT Display, Video Output Applications????
2SC3953 SANYO-2SC3953 Datasheet
110Kb / 4P
   High-Definition CRT Display Video Output Applications
2SC3953 SANYO-2SC3953 Datasheet
264Kb / 3P
   HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT APPLICATIONS
2SC3954 SANYO-2SC3954 Datasheet
114Kb / 4P
   High-Definition CRT Display Video Output Applications
More results


Similar Description - 2SC3952

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
   High-Definition CRT Display Video Output Applications
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
   High-Definition CRT Display Video Output Applications
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
   High-Definition CRT Display Video Output Applications
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
   High-Definition CRT Display, Video Output Applications???
2SA1479 SANYO-2SA1479 Datasheet
135Kb / 4P
   High-Definition CRT Display, Video Output Applications???
2SA1536 SANYO-2SA1536 Datasheet
114Kb / 4P
   High-Definition CRT Display, Video Output Applications????
2SA1541 SANYO-2SA1541 Datasheet
104Kb / 4P
   High-Definition CRT Display Video Output Applications
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
   high-Definition CRT Display Video Output Applications?
2SA1749 SANYO-2SA1749 Datasheet
120Kb / 4P
   High-Definition CRT Display Video Output Applications???????
2SA1538 SANYO-2SA1538_1 Datasheet
264Kb / 3P
   HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT APPLICATIONS
2SC3504 SANYO-2SC3504 Datasheet
54Kb / 2P
   High-Definition CRT Display, Video Output Applications????
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com