Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3086 Datasheet (PDF) - Sanyo Semicon Device

2SC3086 Datasheet PDF - Sanyo Semicon Device
Part # 2SC3086
Download  2SC3086 Download

File Size   94.08 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Switching Regulators

2SC3086 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3086 Datasheet PDF - Sanyo Semicon Device

Part # 2SC3086
Download  2SC3086 Click to download

File Size   94.08 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Switching Regulators

2SC3086 Datasheet (HTML) - Sanyo Semicon Device

2SC3086 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3086 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3086 Datasheet HTML 3Page - Sanyo Semicon Device

2SC3086 Product details

500V/3A Switching Regulator Applications

Features
• High breakdown voltage (VCBO≥800V).
• Fast switching speed.
• Wide ASO.




Similar Part No. - 2SC3086

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC3086 MOSPEC-2SC3086 Datasheet
123Kb / 3P
   POWER TRANSISTORS(3A,500V,40W)
logo
Inchange Semiconductor ...
2SC3086 ISC-2SC3086 Datasheet
67Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3086 SAVANTIC-2SC3086 Datasheet
104Kb / 3P
   Silicon NPN Power Transistors
2SC3086 SAVANTIC-2SC3086 Datasheet
106Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC3086 NJSEMI-2SC3086 Datasheet
139Kb / 2P
   Silicon NPN Power Transistor
More results


Similar Description - 2SC3086

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3089 SANYO-2SC3089 Datasheet
95Kb / 3P
   For Switching Regulators
2SC3446 SANYO-2SC3446 Datasheet
92Kb / 3P
   For Switching Regulators
2SC3447 SANYO-2SC3447 Datasheet
92Kb / 3P
   For Switching Regulators
2SC3448 SANYO-2SC3448 Datasheet
94Kb / 3P
   For Switching Regulators
2SC3277 SANYO-2SC3277 Datasheet
97Kb / 3P
   For Switching Regulators
2SC3038 SANYO-2SC3038 Datasheet
97Kb / 3P
   For Switching Regulators
2SC3039 SANYO-2SC3039 Datasheet
96Kb / 3P
   For Switching Regulators
2SC3451 SANYO-2SC3451 Datasheet
93Kb / 3P
   For Switching Regulators
2SC3456 SANYO-2SC3456 Datasheet
96Kb / 3P
   For Switching Regulators
2SC3458 SANYO-2SC3458 Datasheet
91Kb / 3P
   For Switching Regulators
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com