Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4031 Datasheet (PDF) - Sanyo Semicon Device

2SC4031 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4031
Download  2SC4031 Download

File Size   87.14 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 900V/20mA Switching Applications

2SC4031 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4031 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4031
Download  2SC4031 Click to download

File Size   87.14 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 900V/20mA Switching Applications

2SC4031 Datasheet (HTML) - Sanyo Semicon Device

2SC4031 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4031 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4031 Datasheet HTML 3Page - Sanyo Semicon Device

2SC4031 Product details

900V/20mA Switching Applications



Features

· High breakdown voltage (VCEO min=900V).

· Small Output Capacitance (Cob typ=1.6pF).

· Wide ASO (adoption of MBIT process).

· High reliability (adoption of HVP process).



 



Similar Part No. - 2SC4031

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4030 SANYO-2SC4030 Datasheet
118Kb / 4P
   900V/50mA Switching Applications
logo
Rohm
2SC4032 ROHM-2SC4032 Datasheet
217Kb / 3P
   High Gain Amp. & Switching Epitaxial Planar NPN Silicon Darlington Transistors
2SC4036 ROHM-2SC4036 Datasheet
207Kb / 3P
   High Voltage Amp. Triple Diffused Planar NPN Silicon Transistors
2SC4037 ROHM-2SC4037 Datasheet
311Kb / 4P
   Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
2SC4038 ROHM-2SC4038 Datasheet
309Kb / 4P
   General Small Signal Amp. Epitaxial Planar NPN Silicon Transistors
More results


Similar Description - 2SC4031

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4579 SANYO-2SC4579 Datasheet
89Kb / 3P
   900V/20mA Switching Applications
2SC4572 SANYO-2SC4572 Datasheet
79Kb / 3P
   800V/20mA Switching Applications
2SC4030 SANYO-2SC4030 Datasheet
118Kb / 4P
   900V/50mA Switching Applications
2SC4635LS SANYO-2SC4635LS Datasheet
28Kb / 3P
   1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4630LS SANYO-2SC4630LS Datasheet
27Kb / 3P
   900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC3675 SANYO-2SC3675 Datasheet
97Kb / 3P
   900V/100mA High-Voltage Amplifier High-Voltage Switching Applications
2SC4631LS SANYO-2SC4631LS Datasheet
28Kb / 3P
   900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
   900V Offline Switching Regulator
HF900 MPS-HF900 Datasheet
790Kb / 25P
   900V Offline Switching Regulator
logo
Sanyo Semicon Device
2SC4578 SANYO-2SC4578 Datasheet
89Kb / 3P
   NPN Triple Diffused(for 900V/50mA Switching)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com