Electronic Components Datasheet Search |
|
SD-502430-001 Datasheet (PDF) - Molex Electronics Ltd. |
SD-502430-001 Datasheet (PDF) |
Download Datasheet |
Part # | SD-502430-001 |
Download | SD-502430-001 Click to download |
File Size | 550.65 Kbytes |
Page | 8 Pages |
Manufacturer | MOLEX11 [Molex Electronics Ltd.] |
Direct Link | http://www.molex.com |
Logo | |
Description | 0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") |
SD-502430-001 Datasheet (HTML) - Molex Electronics Ltd. |
Similar Part No. - SD-502430-001 |
|
About Molex Electronics Ltd. |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |