Manufacturer | Part # | Datasheet | Description |
Molex Electronics Ltd. |
1300061703
|
232Kb / 4P |
Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 1.83m (6.0 ) Length, Cable Type STOOW
|
1300060192
|
232Kb / 4P |
Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
|
1300061706
|
232Kb / 4P |
Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 3.66m (12.0 ) Length, Cable Type STOOW
|
1300061700
|
232Kb / 4P |
Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
|
1300061438
|
28Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/21/2023 |
1300060995
|
45Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/21/2023 |
1300061675
|
60Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
02/01/2023 |
1300060534
|
37Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/20/2023 |
1300080117
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Male (Straight) to Pigtail, 16 AWG, PVC Cable, 1.83m (6.0) Length
03/21/2023 |
1300061312
|
27Kb / 1P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Rubber Cable, 1.83m (6.0) Length
02/28/2023 |