Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF2607ZTRR Datasheet (PDF) - International Rectifier

AUIRF2607ZTRR Datasheet PDF - International Rectifier
Part # AUIRF2607ZTRR
Download  AUIRF2607ZTRR Download

File Size   288.39 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET짰 Power MOSFET

AUIRF2607ZTRR Datasheet (PDF)

Go To PDF Page Download Datasheet
AUIRF2607ZTRR Datasheet PDF - International Rectifier

Part # AUIRF2607ZTRR
Download  AUIRF2607ZTRR Click to download

File Size   288.39 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET짰 Power MOSFET

AUIRF2607ZTRR Datasheet (HTML) - International Rectifier

Back Button AUIRF2607ZTRR Datasheet HTML 1Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 2Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 3Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 4Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 5Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 6Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 7Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 8Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 9Page - International Rectifier AUIRF2607ZTRR Datasheet HTML 10Page - International Rectifier Next Button 

AUIRF2607ZTRR Product details

V(BR)DSS 75V

RDS(on) typ. 17.6mΩ

                   max. 22mΩ

ID (Silicon Limited) 45A

ID (Package Limited) 42A



Description

Specifically designed for Automotive applications, this HEXFET® Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.



Features

Advanced Process Technology

Ultra Low On-Resistance

175°C Operating Temperature

Fast Switching

Repetitive Avalanche Allowed up to Tjmax

Lead-Free, RoHS Compliant

Automotive Qualified *

 




Similar Part No. - AUIRF2607ZTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2804 IRF-AUIRF2804 Datasheet
381Kb / 15P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF2804 ETC2-AUIRF2804 Datasheet
290Kb / 15P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRF2804 INFINEON-AUIRF2804 Datasheet
757Kb / 13P
   AUTOMOTIVE GRADE
2015-9-30
logo
International Rectifier
AUIRF2804L IRF-AUIRF2804L Datasheet
381Kb / 15P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF2804L ETC2-AUIRF2804L Datasheet
290Kb / 15P
   Ultra Low On-Resistance
More results


Similar Description - AUIRF2607ZTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com