Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3231MZ+ Datasheet (PDF) - Maxim Integrated Products

DS3231MZ+ Datasheet PDF - Maxim Integrated Products
Part # DS3231MZ+
Download  DS3231MZ+ Download

File Size   1372.54 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹5ppm, I2C Real-Time Clock

DS3231MZ+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3231MZ+ Datasheet PDF - Maxim Integrated Products

Part # DS3231MZ+
Download  DS3231MZ+ Click to download

File Size   1372.54 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹5ppm, I2C Real-Time Clock

DS3231MZ+ Datasheet (HTML) - Maxim Integrated Products

Back Button DS3231MZ+ Datasheet HTML 1Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 2Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 3Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 4Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 5Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 6Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 7Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 8Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 9Page - Maxim Integrated Products DS3231MZ+ Datasheet HTML 10Page - Maxim Integrated Products Next Button 

DS3231MZ+ Product details

General Description

The  DS3231M  is  a  low-cost,  extremely  accurate,  I2C real-time clock (RTC). The device incorporates a battery input  and  maintains  accurate  timekeeping  when  main power  to  the  device  is  interrupted.  The  integration  of the  microelectromechanical  systems  (MEMS)  resona

tor enhances the long-term accuracy of the device and reduces  the  piece-part  count  in  a  manufacturing  line. The DS3231M is available in the same footprint as the popular DS3231 RTC.



Features

• Timekeeping Accuracy Q5ppm (Q0.432 Second/Day) from -40NC to +85NC

• Battery Backup for Continuous Timekeeping

• Low Power Consumption

• Footprint and Functionally Compatible to DS3231

• Complete Clock Calendar Functionality Including Seconds, Minutes, Hours, Day, Date, Month, and Year with Leap Year Compensation Up to Year 2100

• Two Time-of-Day Alarms

• 1Hz and 32.768kHz Outputs

• Reset Output and Pushbutton Input with Debounce

• Fast (400kHz) I2C-Compatible Serial Bus

• +2.3V to +5.5V Supply Voltage

• Digital Temp Sensor with Q3NC Accuracy

• -40°C to +85°C Temperature Range

• 8-Pin or 16-Pin SO (300 mils) Packages

• Underwriters Laboratories (UL) Recognized




Similar Part No. - DS3231MZ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231MZ++ MAXIM-DS3231MZ+ Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
More results


Similar Description - DS3231MZ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com