Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY4313-PU Datasheet (PDF) - ATMEL Corporation

ATTINY4313-PU Datasheet PDF - ATMEL Corporation
Part # ATTINY4313-PU
Download  ATTINY4313-PU Download

File Size   635.84 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash

ATTINY4313-PU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY4313-PU Datasheet PDF - ATMEL Corporation

Part # ATTINY4313-PU
Download  ATTINY4313-PU Click to download

File Size   635.84 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash

ATTINY4313-PU Datasheet (HTML) - ATMEL Corporation

Back Button ATTINY4313-PU Datasheet HTML 1Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 2Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 3Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 4Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 5Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 6Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 7Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 8Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 9Page - ATMEL Corporation ATTINY4313-PU Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATTINY4313-PU Product details

Overview
The ATtiny2313A/4313 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny2313A/4313 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 120 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 20 MIPS Throughput at 20 MHz
• Data and Non-volatile Program and Data Memories
   – 2/4K Bytes of In-System Self Programmable Flash
      • Endurance 10,000 Write/Erase Cycles
   – 128/256 Bytes In-System Programmable EEPROM
      • Endurance: 100,000 Write/Erase Cycles
   – 128/256 Bytes Internal SRAM
   – Programming Lock for Flash Program and EEPROM Data Security
• Peripheral Features
   – One 8-bit Timer/Counter with Separate Prescaler and Compare Mode
   – One 16-bit Timer/Counter with Separate Prescaler, Compare and Capture Modes
   – Four PWM Channels
   – On-chip Analog Comparator
   – Programmable Watchdog Timer with On-chip Oscillator
   – USI – Universal Serial Interface
   – Full Duplex USART
• Special Microcontroller Features
   – debugWIRE On-chip Debugging
   – In-System Programmable via SPI Port
   – External and Internal Interrupt Sources
   – Low-power Idle, Power-down, and Standby Modes
   – Enhanced Power-on Reset Circuit
   – Programmable Brown-out Detection Circuit
   – Internal Calibrated Oscillator
• I/O and Packages
   – 18 Programmable I/O Lines
   – 20-pin PDIP, 20-pin SOIC, 20-pad MLF/VQFN
• Operating Voltage
   – 1.8 – 5.5V
• Speed Grades
   – 0 – 4 MHz @ 1.8 – 5.5V
   – 0 – 10 MHz @ 2.7 – 5.5V
   – 0 – 20 MHz @ 4.5 – 5.5V
• Industrial Temperature Range: -40°C to +85°C
• Low Power Consumption
   – Active Mode
      • 190 µA at 1.8V and 1MHz
   – Idle Mode
      • 24 µA at 1.8V and 1MHz
   – Power-down Mode
      • 0.1 µA at 1.8V and +25°C




Similar Part No. - ATTINY4313-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny43U ATMEL-ATtiny43U Datasheet
3Mb / 182P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
ATtiny43U-MU ATMEL-ATtiny43U-MU Datasheet
501Kb / 16P
   8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
ATtiny43U-MU ATMEL-ATtiny43U-MU Datasheet
3Mb / 182P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
ATtiny43U-SU ATMEL-ATtiny43U-SU Datasheet
501Kb / 16P
   8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
ATtiny43U-SU ATMEL-ATtiny43U-SU Datasheet
3Mb / 182P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
More results


Similar Description - ATTINY4313-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
   8-Bit Microcontroller with 4K bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com