Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5371IU Datasheet (PDF) - Intersil Corporation

EL5371IU Datasheet PDF - Intersil Corporation
Part # EL5371IU
Download  EL5371IU Download

File Size   533.6 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Differential Twisted-Pair Drivers

EL5371IU Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5371IU Datasheet PDF - Intersil Corporation

Part # EL5371IU
Download  EL5371IU Click to download

File Size   533.6 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Differential Twisted-Pair Drivers

EL5371IU Datasheet (HTML) - Intersil Corporation

Back Button EL5371IU Datasheet HTML 1Page - Intersil Corporation EL5371IU Datasheet HTML 2Page - Intersil Corporation EL5371IU Datasheet HTML 3Page - Intersil Corporation EL5371IU Datasheet HTML 4Page - Intersil Corporation EL5371IU Datasheet HTML 5Page - Intersil Corporation EL5371IU Datasheet HTML 6Page - Intersil Corporation EL5371IU Datasheet HTML 7Page - Intersil Corporation EL5371IU Datasheet HTML 8Page - Intersil Corporation EL5371IU Datasheet HTML 9Page - Intersil Corporation EL5371IU Datasheet HTML 10Page - Intersil Corporation Next Button 

EL5371IU Product details

250MHz Differential Twisted-Pair Drivers

The EL5171 and EL5371 are single and triple bandwidth amplifiers with an output in differential form. They are primarily targeted for applications such as driving twisted pair lines in component video applications. The input signal is single-ended and the outputs are always differential.

Features
• Fully differential outputs and feedback
• Input range ±2.3V typ.
• 250MHz 3dB bandwidth
• 800V/µs slew rate
• Low distortion at 5MHz
• Single 5V or dual ±5V supplies
• 90mA maximum output current
• Low power - 8mA per channel
• Pb-free plus anneal available (RoHS compliant)

Applications
• Twisted-pair driver
• Differential line driver
• VGA over twisted-pair
• ADSL/HDSL driver
• Single ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL5371IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5371IU INTERSIL-EL5371IU Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5371IU-T13 INTERSIL-EL5371IU-T13 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5371IU-T7 INTERSIL-EL5371IU-T7 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5371IUZ INTERSIL-EL5371IUZ Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5371IUZ RENESAS-EL5371IUZ Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
More results


Similar Description - EL5371IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com