Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5308IU-T7 Datasheet (PDF) - Intersil Corporation

EL5308IU-T7 Datasheet PDF - Intersil Corporation
Part # EL5308IU-T7
Download  EL5308IU-T7 Download

File Size   492.65 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 450MHz Fixed Gain Amplifiers with Enable

EL5308IU-T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5308IU-T7 Datasheet PDF - Intersil Corporation

Part # EL5308IU-T7
Download  EL5308IU-T7 Click to download

File Size   492.65 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 450MHz Fixed Gain Amplifiers with Enable

EL5308IU-T7 Datasheet (HTML) - Intersil Corporation

Back Button EL5308IU-T7 Datasheet HTML 1Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 2Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 3Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 4Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 5Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 6Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 7Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 8Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 9Page - Intersil Corporation EL5308IU-T7 Datasheet HTML 10Page - Intersil Corporation Next Button 

EL5308IU-T7 Product details

The EL5108 and EL5308 are fixed gain amplifiers with a bandwidth of 450MHz. This makes these amplifiers ideal for today’s high speed video and monitor applications. They feature internal gain-setting resistors and can be configured in a gain of +1, -1 or +2. The same bandwidth is seen in both gain-of-1 and gain-of-2 applications.

Features
• Pb-free available (RoHS compliant)
• Gain selectable (+1, -1, +2)
• 450MHz -3dB BW (AV = -1, +1, +2)
• 3.5mA supply current per amplifier
• Single and dual supply operation, from 5V to 12V
• Available in SOT-23 packages
• 350MHz, 1.5mA product available (EL5106 and EL5306)

Applications
• Battery powered equipment
• Handheld, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers




Similar Part No. - EL5308IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5308IU-T7 INTERSIL-EL5308IU-T7 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IU-T7 INTERSIL-EL5308IU-T7 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
More results


Similar Description - EL5308IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com