Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7532IY Datasheet (PDF) - Intersil Corporation

EL7532IY Datasheet PDF - Intersil Corporation
Part # EL7532IY
Download  EL7532IY Download

File Size   226.29 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 2A Step-Down Regulator

EL7532IY Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7532IY Datasheet PDF - Intersil Corporation

Part # EL7532IY
Download  EL7532IY Click to download

File Size   226.29 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 2A Step-Down Regulator

EL7532IY Datasheet (HTML) - Intersil Corporation

EL7532IY Datasheet HTML 1Page - Intersil Corporation EL7532IY Datasheet HTML 2Page - Intersil Corporation EL7532IY Datasheet HTML 3Page - Intersil Corporation EL7532IY Datasheet HTML 4Page - Intersil Corporation EL7532IY Datasheet HTML 5Page - Intersil Corporation EL7532IY Datasheet HTML 6Page - Intersil Corporation EL7532IY Datasheet HTML 7Page - Intersil Corporation EL7532IY Datasheet HTML 8Page - Intersil Corporation

EL7532IY Product details

Monolithic 2A Step-Down Regulator

The EL7532 is a synchronous, integrated FET 2A step-down regulator with internal compensation. It operates with an input voltage range from 2.5V to 5.5V, which accommodates supplies of 3.3V, 5V, or a single Li-Ion battery source. The output can be externally set from 0.8V to VIN with a resistive divider.

Features
• 2A continuous current (from -40°C to +85°C)
• Less than 0.18 in2 footprint for the complete 2A converter
• Max height 1.1mm MSOP10
• 1.5MHz (typ.) switching frequency
• 100ms Power-On-Reset output (POR)
• Internally-compensated voltage mode controller
• Up to 94% efficiency
• <1µA shut-down current
• Overcurrent and over temperature protection
• Pb-free plus anneal available (RoHS compliant)

Applications
• PDA and pocket PC computers
• Bar code readers
• ADSL modems
• Portable instruments
• Li-Ion battery powered devices
• ASIC/FPGA/DSP supplies
• Set top boxes




Similar Part No. - EL7532IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7532IY INTERSIL-EL7532IY Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532IY-T13 INTERSIL-EL7532IY-T13 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532IY-T7 INTERSIL-EL7532IY-T7 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532IYZ INTERSIL-EL7532IYZ Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7532IYZ RENESAS-EL7532IYZ Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
More results


Similar Description - EL7532IY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com