Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5F18547YG Datasheet (PDF) - Panasonic Semiconductor

AXK5F18547YG Datasheet PDF - Panasonic Semiconductor
Part # AXK5F18547YG
Download  AXK5F18547YG Download

File Size   228.08 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION

AXK5F18547YG Datasheet (PDF)

Go To PDF Page Download Datasheet
AXK5F18547YG Datasheet PDF - Panasonic Semiconductor

Part # AXK5F18547YG
Download  AXK5F18547YG Click to download

File Size   228.08 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION

AXK5F18547YG Datasheet (HTML) - Panasonic Semiconductor

AXK5F18547YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F18547YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F18547YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F18547YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F18547YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F18547YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F18547YG Datasheet HTML 7Page - Panasonic Semiconductor

AXK5F18547YG Product details

FEATURES
1. Two-piece structure and 0.5mm pitch.
   The product lineup includes mated heights of 1.5mm, 2.0mm and 2.5mm.
2. Strong resistance to adverse environments! Utilizes
   “YOUGH CONTACT” construction for high contact reliability.
3. Simple lock structure provides
   tactile feedback to ensure excellent
   mating/unmating operation feel.
4. Effective mating length 0.55mm
   In addition to achieving a low profile of
   1.5mm between PCBs, the effective
   mating length has been extended to
   ensure that there is latitude for insertion.
5. The lower connector bottom surface
   construction prevents contact and
   shorts between the PCB and metal
   terminals.
   Benefits include freedom in pattern
   wiring, helping to make PCB’s smaller.

APPLICATIONS
   Digital devices, such as digital still cameras and digital video cameras.




Similar Part No. - AXK5F18547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F18547YG PANASONIC-AXK5F18547YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXK5F18547YG PANASONIC-AXK5F18547YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results


Similar Description - AXK5F18547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com