Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

570 Datasheet (PDF) - Intel Corporation

570 Datasheet PDF - Intel Corporation
Part # 570
Download  570 Download

File Size   1600.9 Kbytes
Page   96 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Pentium 4 Processors Supporting Hyper-Threading Technology

570 Datasheet (PDF)

Go To PDF Page Download Datasheet
570 Datasheet PDF - Intel Corporation

Part # 570
Download  570 Click to download

File Size   1600.9 Kbytes
Page   96 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Pentium 4 Processors Supporting Hyper-Threading Technology

570 Datasheet (HTML) - Intel Corporation

Back Button 570 Datasheet HTML 1Page - Intel Corporation 570 Datasheet HTML 2Page - Intel Corporation 570 Datasheet HTML 3Page - Intel Corporation 570 Datasheet HTML 4Page - Intel Corporation 570 Datasheet HTML 5Page - Intel Corporation 570 Datasheet HTML 6Page - Intel Corporation 570 Datasheet HTML 7Page - Intel Corporation 570 Datasheet HTML 8Page - Intel Corporation 570 Datasheet HTML 9Page - Intel Corporation 570 Datasheet HTML 10Page - Intel Corporation Next Button 

570 Product details

Introduction
The Intel® Pentium® 4 processor on 90 nm process in the 775-land package is a follow on to the Pentium 4 processor in the 478-pin package with enhancements to the Intel NetBurst® microarchitecture. The Pentium 4 processor on 90 nm process in the 775-land package uses FlipChip Land Grid Array (FC-LGA4) package technology, and plugs into a 775LGA socket. The Pentium 4 processor in the 775-land package, like its predecessor, the Pentium 4 processor in the 478-pin package, is based on the same Intel 32-bit microarchitecture and maintains the tradition of compatibility with IA-32 software.

• Available at 3.80 GHz, 3.60 GHz, 3.40 GHz, 3.20 GHz, 3 GHz, and 2.80 GHz
• Supports Hyper-Threading Technology1 (HT Technology) for all frequencies with 800 MHz front side bus (FSB)
• Intel® Pentium® 4 processors 571, 561, 551, 541, 531, and 521 support Intel® Extended Memory 64 Technology (EM64T)Φ
• Supports Execute Disable Bit capability
• Binary compatible with applications running on previous members of the Intel microprocessor line
• Intel NetBurst® microarchitecture
• FSB frequency at 800 MHz
• Hyper-Pipelined Technology
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on advanced 32-bit operating systems
• 16-KB Level 1 data cache
• 1-MB Advanced Transfer Cache (on-die, fullspeed Level 2 (L2) cache) with 8-way associativity and Error Correcting Code (ECC)
• 144 Streaming SIMD Extensions 2 (SSE2) instructions
• 13 Streaming SIMD Extensions 3 (SSE3) instructions
• Enhanced floating point and multimedia unit for enhanced video, audio, encryption, and 3D performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved cache hit rate on load/store operations
• 775-land Package




Similar Part No. - 570

ManufacturerPart #DatasheetDescription
logo
Littelfuse
570 LITTELFUSE-570 Datasheet
92Kb / 1P
   SUBMINIATURE FUSEHOLDERS
logo
Switchcraft, Inc.
570 SWITCH-570 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Dialight Corporation
570-001-000-100 DIALIGHT-570-001-000-100 Datasheet
196Kb / 2P
   WATERPROOF CONNECTOR
logo
EDAC, All Rights Reserv...
570-001-000-100 EDAC-570-001-000-100 Datasheet
590Kb / 3P
   570 Series IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-001-000-100 EDAC-570-001-000-100 Datasheet
130Kb / 1P
   570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
More results


Similar Description - 570

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
298643-012 INTEL-298643-012 Datasheet
1Mb / 85P
   Intel Pentium 4 Processor Extreme Edition Supporting Hyper-Threading Technology
logo
Axiomtek Co., Ltd.
NA-813 AXIOMTEK-NA-813 Datasheet
198Kb / 1P
   Supports Intel Hyper-threading technology
NA-320 AXIOMTEK-NA-320 Datasheet
239Kb / 1P
   Supports Intel Hyper-threading technology
logo
AAEON Technology
EMB-845M AAEON-EMB-845M Datasheet
433Kb / 1P
   Intel Pentium 4 and Celeron Processors
PCM-6897L AAEON-PCM-6897L Datasheet
726Kb / 1P
   Intel Pentium III or Celeron Processors
PCM-6890B AAEON-PCM-6890B Datasheet
372Kb / 1P
   Intel Pentium III and Celeron Processors
PCM-6897 AAEON-PCM-6897 Datasheet
678Kb / 1P
   Intel Pentium III or Celeron Processors
XTX-915 AAEON-XTX-915 Datasheet
206Kb / 1P
   Intel Pentium M/ Celeron짰 M Processors
SBC-659P AAEON-SBC-659P Datasheet
410Kb / 1P
   Intel Pentium III and Celeron Processors
MPC-8890 AAEON-MPC-8890 Datasheet
677Kb / 1P
   Intel Pentium M or Celeron M Processors
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com