Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD853F2A-70UIT Datasheet (PDF) - STMicroelectronics

PSD853F2A-70UIT Datasheet PDF - STMicroelectronics
Part # PSD853F2A-70UIT
Download  PSD853F2A-70UIT Download

File Size   1139.39 Kbytes
Page   128 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V

PSD853F2A-70UIT Datasheet (PDF)

Go To PDF Page Download Datasheet
PSD853F2A-70UIT Datasheet PDF - STMicroelectronics

Part # PSD853F2A-70UIT
Download  PSD853F2A-70UIT Click to download

File Size   1139.39 Kbytes
Page   128 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V

PSD853F2A-70UIT Datasheet (HTML) - STMicroelectronics

Back Button PSD853F2A-70UIT Datasheet HTML 1Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 2Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 3Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 4Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 5Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 6Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 7Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 8Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 9Page - STMicroelectronics PSD853F2A-70UIT Datasheet HTML 10Page - STMicroelectronics Next Button 

PSD853F2A-70UIT Product details

Summary description
The PSD8XXFX family of memory systems for microcontrollers (MCUs) brings in-systemprogrammability (ISP) to Flash memory and programmable logic. The result is a simple and flexible solution for embedded designs. PSD devices combine many of the peripheral functions found in MCU based applications.

Features
■ Flash in-system programmable (ISP)
   peripheral for 8-bit MCUs
■ Dual bank Flash memories
   – Up to 2 Mbit of primary Flash memory (8
      uniform sectors, 32K x8)
   – Up to 256 Kbit secondary Flash memory (4
      uniform sectors)
   – Concurrent operation: read from one
      memory while erasing and writing the other
■ Up to 256 Kbit SRAM
■ 27 reconfigurable I/Oports
■ Enhanced JTAG serial port
■ PLD with macrocells
   – Over 3000 gates of PLD: CPLD and DPLD
   – CPLD with 16 output macrocells (OMCs)
      and 24 input macrocells (IMCs)
   – DPLD - user defined internal chip select
      decoding
■ 27 individually configurable I/O port pins
   They can be used for the following functions:
   – MCU I/Os
   – PLD I/Os
   – Latched MCU address output
   – Special function I/Os.
   – 16 of the I/O ports may be configured as
      open-drain outputs.
■ In-system programming (ISP) with JTAG
   – Built-in JTAG compliant serial port allows
      full-chip in-system programmability
   – Efficient manufacturing allow easy product
      testing and programming
   – Use low cost FlashLINK cable with PC
■ Page register
   – Internal page register that can be used to
      expand the microcontroller address space
      by a factor of 256
■ Programmable power management
■ Packages are ECOPACK®




Similar Part No. - PSD853F2A-70UIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD853F2A-70UIT STMICROELECTRONICS-PSD853F2A-70UIT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
More results


Similar Description - PSD853F2A-70UIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com