Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS3985M30R Datasheet (PDF) - STMicroelectronics

LDS3985M30R Datasheet PDF - STMicroelectronics
Part # LDS3985M30R
Download  LDS3985M30R Download

File Size   462.41 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor

LDS3985M30R Datasheet (PDF)

Go To PDF Page Download Datasheet
LDS3985M30R Datasheet PDF - STMicroelectronics

Part # LDS3985M30R
Download  LDS3985M30R Click to download

File Size   462.41 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor

LDS3985M30R Datasheet (HTML) - STMicroelectronics

Back Button LDS3985M30R Datasheet HTML 1Page - STMicroelectronics LDS3985M30R Datasheet HTML 2Page - STMicroelectronics LDS3985M30R Datasheet HTML 3Page - STMicroelectronics LDS3985M30R Datasheet HTML 4Page - STMicroelectronics LDS3985M30R Datasheet HTML 5Page - STMicroelectronics LDS3985M30R Datasheet HTML 6Page - STMicroelectronics LDS3985M30R Datasheet HTML 7Page - STMicroelectronics LDS3985M30R Datasheet HTML 8Page - STMicroelectronics LDS3985M30R Datasheet HTML 9Page - STMicroelectronics LDS3985M30R Datasheet HTML 10Page - STMicroelectronics Next Button 

LDS3985M30R Product details

Description
The LDS3985xx provides up to 300 mA, from 2.5 V to 6 V input voltage. It is stable with ceramic and high quality tantalum capacitor. The ultra low drop voltage, low quiescent current and low noise makes it suitable for low power applications and in battery powered systems. Regulator ground current increases only slightly in dropout, further prolonging the battery life. Shutdown logic control function is available, this means that when the device is used as local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. Typical applications are in mobile phone and similar battery powered wireless systems, portable information appliances.

Features
■ Input voltage from 2.5 V to 6 V
■ Stable with low ESR ceramic capacitors
■ Ultra low dropout voltage (150 mV typ. at 300
   mA load, 0.4 mV typ. at 1 mA load)
■ Very low quiescent current (85 µA typ. at no
   load, 200 µA typ. at 300 mA load; max 1.5 µA in off mode)
■ Guaranteed output current up to 300 mA
■ Wide range of output voltage:
   – from 1.25 V to 5.0 V
■ Fast turn-on time: typ. 240 µs
   – [CO = 2.2 µF, CBYP = 33 nF and IO = 1 mA]
■ Logic-controlled electronic shutdown
■ Internal current and thermal limit
■ Output low noise voltage 30 µVRMS over 10 Hz to 100 kHz
■ SVR of 55 dB at 1 kHz, 50 dB at 10 kHz
■ Temperature range: - 40 °C to 125 °C




Similar Part No. - LDS3985M30R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985M30R STMICROELECTRONICS-LDS3985M30R Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
More results


Similar Description - LDS3985M30R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
   DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
logo
STMicroelectronics
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
   Ultra low drop BICMOS voltage regulator
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
   Ultra low drop BICMOS voltage regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com