Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C54X2XXX-VIA Datasheet (PDF) - ATMEL Corporation

TS80C54X2XXX-VIA Datasheet PDF - ATMEL Corporation
Part # TS80C54X2XXX-VIA
Download  TS80C54X2XXX-VIA Download

File Size   527.89 Kbytes
Page   62 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP

TS80C54X2XXX-VIA Datasheet (PDF)

Go To PDF Page Download Datasheet
TS80C54X2XXX-VIA Datasheet PDF - ATMEL Corporation

Part # TS80C54X2XXX-VIA
Download  TS80C54X2XXX-VIA Click to download

File Size   527.89 Kbytes
Page   62 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP

TS80C54X2XXX-VIA Datasheet (HTML) - ATMEL Corporation

Back Button TS80C54X2XXX-VIA Datasheet HTML 1Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 2Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 3Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 4Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 5Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 6Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 7Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 8Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 9Page - ATMEL Corporation TS80C54X2XXX-VIA Datasheet HTML 10Page - ATMEL Corporation Next Button 

TS80C54X2XXX-VIA Product details

Description
TS80C54/58X2 is high performance CMOS ROM, OTP and EPROM versions of the 80C51 CMOS single chip 8-bit microcontroller. The TS80C54/58X2 retains all features of the Atmel 80C51 with extended ROM/EPROM capacity (16/32 Kbytes), 256 bytes of internal RAM, a 6-source , 4-level
interrupt system, an on-chip oscilator and three timer/counters.

Features
• 80C52 Compatible
• 8051 pin and instruction compatible
• Four 8-bit I/O ports
• Three 16-bit timer/counters
• 256 bytes scratchpad RAM
• High-Speed Architecture
• 40 MHz @ 5V, 30MHz @ 3V
• X2 Speed Improvement capability (6 clocks/machine cycle)
   – 30 MHz @ 5V, 20 MHz @ 3V (Equivalent to
   – 60 MHz @ 5V, 40 MHz @ 3V)
• Dual Data Pointer
• On-chip ROM/EPROM (16K-bytes, 32K-bytes)
• Programmable Clock Out and Up/Down Timer/Counter 2
• Hardware Watchdog Timer (One-time enabled with Reset-Out)
• Asynchronous port reset
• Interrupt Structure with
• 6 Interrupt sources
• 4 level priority interrupt system
• Full duplex Enhanced UART
• Framing error detection
• Automatic address recognition
• Low EMI (inhibit ALE)
• Power Control modes
• Idle mode
• Power-down mode
• Power-off Flag
• Once mode (On-chip Emulation)
• Power supply: 4.5-5.5V, 2.7-5.5V
• Temperature ranges: Commercial (0 to 70°C) and Industrial (-40 to 85°C)
• Packages: PDIL40, PLCC44, VQFP44 1.4, PQFP44 F1, CQPJ44 (window), CDIL40(window)




Similar Part No. - TS80C54X2XXX-VIA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
TEMIC Semiconductors
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
More results


Similar Description - TS80C54X2XXX-VIA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com