Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12-600CW3 Datasheet (PDF) - ON Semiconductor

BTB12-600CW3 Datasheet PDF - ON Semiconductor
Part # BTB12-600CW3
Download  BTB12-600CW3 Download

File Size   92.62 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Bidirectional Thyristors

BTB12-600CW3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB12-600CW3 Datasheet PDF - ON Semiconductor

Part # BTB12-600CW3
Download  BTB12-600CW3 Click to download

File Size   92.62 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Bidirectional Thyristors

BTB12-600CW3 Datasheet (HTML) - ON Semiconductor

BTB12-600CW3 Datasheet HTML 1Page - ON Semiconductor BTB12-600CW3 Datasheet HTML 2Page - ON Semiconductor BTB12-600CW3 Datasheet HTML 3Page - ON Semiconductor BTB12-600CW3 Datasheet HTML 4Page - ON Semiconductor BTB12-600CW3 Datasheet HTML 5Page - ON Semiconductor BTB12-600CW3 Datasheet HTML 6Page - ON Semiconductor

BTB12-600CW3 Product details

Triacs Silicon Bidirectional Thyristors



Designed for high performance full‐wave ac control applications where high noise immunity and high commutating di/dt are required.



Features

•Blocking Voltage to 800 V

•On‐State Current Rating of 12 Amperes RMS at 25°C

•Uniform Gate Trigger Currents in Three Quadrants

•High Immunity to dV/dt - 1500 V/s minimum at 125°C

•Minimizes Snubber Networks for Protection

•Industry Standard TO‐220AB Package

•High Commutating dI/dt - 3.0 A/ms minimum at 125°C

•These are Pb-Free Devices



 




Similar Part No. - BTB12-600CW3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTB12-600CW3G ONSEMI-BTB12-600CW3G Datasheet
92Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
More results


Similar Description - BTB12-600CW3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com