Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA6E-N Datasheet (PDF) - Sanyo Semicon Device

DTA6E-N Datasheet PDF - Sanyo Semicon Device
Part # DTA6E-N
Download  DTA6E-N Download

File Size   153.71 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6A Bidirectional Thyristor

DTA6E-N Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA6E-N Datasheet PDF - Sanyo Semicon Device

Part # DTA6E-N
Download  DTA6E-N Click to download

File Size   153.71 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6A Bidirectional Thyristor

DTA6E-N Datasheet (HTML) - Sanyo Semicon Device

DTA6E-N Datasheet HTML 1Page - Sanyo Semicon Device DTA6E-N Datasheet HTML 2Page - Sanyo Semicon Device DTA6E-N Datasheet HTML 3Page - Sanyo Semicon Device

DTA6E-N Product details

Features
• Peak OFF-state voltage : 200 to 600V
• RMS ON-state current : 6A
• TO-220 package.




Similar Part No. - DTA6E-N

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
DTA601 FS-DTA601 Datasheet
608Kb / 16P
   Bias Resistor Transistors
DTA602 FS-DTA602 Datasheet
608Kb / 16P
   Bias Resistor Transistors
DTA603 FS-DTA603 Datasheet
608Kb / 16P
   Bias Resistor Transistors
DTA604 FS-DTA604 Datasheet
608Kb / 16P
   Bias Resistor Transistors
DTA605 FS-DTA605 Datasheet
608Kb / 16P
   Bias Resistor Transistors
More results


Similar Description - DTA6E-N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTM6-N SANYO-DTM6-N Datasheet
103Kb / 3P
   6A Bidirectional Thyristor?
DTN6 SANYO-DTN6 Datasheet
95Kb / 3P
   6A Bidirectional Thyristor?
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
   12A Bidirectional Thyristor?
DTA05 SANYO-DTA05 Datasheet
78Kb / 3P
   0.5A Bidirectional Thyristor
logo
ON Semiconductor
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
   Silicon Bidirectional Thyristor
November, 2012??Rev. 0
logo
Sanyo Semicon Device
DTA08E SANYO-DTA08E Datasheet
43Kb / 2P
   0.8A Bidirectional Thyristor?
DTB3 SANYO-DTB3 Datasheet
95Kb / 3P
   3.0A Bidirectional Thyristor?
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
   10A Bidirectional Thyristor?
DTC8-N SANYO-DTC8-N Datasheet
246Kb / 3P
   8A Bidirectional Thyristor
DTN12 SANYO-DTN12 Datasheet
95Kb / 3P
   12A Bidirectional Thyristor???
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com