Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE11CL Datasheet (PDF) - EIC discrete Semiconductors

1.5KE11CL Datasheet PDF - EIC discrete Semiconductors
Part # 1.5KE11CL
Download  1.5KE11CL Download

File Size   68.65 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

1.5KE11CL Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE11CL Datasheet PDF - EIC discrete Semiconductors

Part # 1.5KE11CL
Download  1.5KE11CL Click to download

File Size   68.65 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

1.5KE11CL Datasheet (HTML) - EIC discrete Semiconductors

1.5KE11CL Datasheet HTML 1Page - EIC discrete Semiconductors 1.5KE11CL Datasheet HTML 2Page - EIC discrete Semiconductors 1.5KE11CL Datasheet HTML 3Page - EIC discrete Semiconductors 1.5KE11CL Datasheet HTML 4Page - EIC discrete Semiconductors

1.5KE11CL Product details

VBR: 6.8 - 440 Volts

PPK: 1500 Watts



FEATURES :

* 1500W surge capability at 1ms

* Excellent clamping capability

* Low zener impedance

* Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)

* Typical IRless then 1µA above 10V

* Pb / RoHS Free




Similar Part No. - 1.5KE11CL

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE11C TRSYS-1.5KE11C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE11C LUGUANG-1.5KE11C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE11C LUGUANG-1.5KE11C Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE11C WTE-1.5KE11C Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE11C LUGUANG-1.5KE11C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results


Similar Description - 1.5KE11CL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com