Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4986 Datasheet (PDF) - Sensitron

1N4986 Datasheet PDF - Sensitron
Part # 1N4986
Download  1N4986 Download

File Size   127.17 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description Zener 5W Voltage Regulator

1N4986 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4986 Datasheet PDF - Sensitron

Part # 1N4986
Download  1N4986 Click to download

File Size   127.17 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description Zener 5W Voltage Regulator

1N4986 Datasheet (HTML) - Sensitron

1N4986 Datasheet HTML 1Page - Sensitron 1N4986 Datasheet HTML 2Page - Sensitron 1N4986 Datasheet HTML 3Page - Sensitron

1N4986 Product details

Zener 5W Voltage Regulator

• Hermetic, non-cavity glass package
• Metallurgically bonded
• Operating and Storage Temperature: -65°C to +175°C




Similar Part No. - 1N4986

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4986 MICROSEMI-1N4986 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4986 MICROSEMI-1N4986 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4986 MICROSEMI-1N4986 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Semtech Corporation
1N4986 SEMTECH-1N4986 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 5 WATT Voltage Regulators
logo
Sensitron
1N4986 SENSITRON-1N4986 Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
More results


Similar Description - 1N4986

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
SS4954 SENSITRON-SS4954 Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
1C4974 SENSITRON-1C4974 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4964 SENSITRON-1C4964 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com