Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6171A Datasheet (PDF) - Sensitron

1N6171A Datasheet PDF - Sensitron
Part # 1N6171A
Download  1N6171A Download

File Size   41.46 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description Transient Voltage Suppressor Diode, 1500W

1N6171A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6171A Datasheet PDF - Sensitron

Part # 1N6171A
Download  1N6171A Click to download

File Size   41.46 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description Transient Voltage Suppressor Diode, 1500W

1N6171A Datasheet (HTML) - Sensitron

1N6171A Datasheet HTML 1Page - Sensitron 1N6171A Datasheet HTML 2Page - Sensitron 1N6171A Datasheet HTML 3Page - Sensitron

1N6171A Product details

Transient Voltage Suppressor Diode, 1500W

• Hermetic, non-cavity glass package
• Metallurgically bonded
• Operating and Storage Temperature: -55°C to +175°C




Similar Part No. - 1N6171A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6171A SEMTECH-1N6171A Datasheet
31Kb / 2P
   QPL 1500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6171A MICROSEMI-1N6171A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6171A MICROSEMI-1N6171A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Semtech Corporation
1N6171A SEMTECH-1N6171A Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Digitron Semiconductors
1N6171A DIGITRON-1N6171A Datasheet
453Kb / 3P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
More results


Similar Description - 1N6171A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com