Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6319US Datasheet (PDF) - Sensitron

1N6319US Datasheet PDF - Sensitron
Part # 1N6319US
Download  1N6319US Download

File Size   127.68 Kbytes
Page   4 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description ZENER 500mW VOLTAGE REGULATOR

1N6319US Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6319US Datasheet PDF - Sensitron

Part # 1N6319US
Download  1N6319US Click to download

File Size   127.68 Kbytes
Page   4 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description ZENER 500mW VOLTAGE REGULATOR

1N6319US Datasheet (HTML) - Sensitron

1N6319US Datasheet HTML 1Page - Sensitron 1N6319US Datasheet HTML 2Page - Sensitron 1N6319US Datasheet HTML 3Page - Sensitron 1N6319US Datasheet HTML 4Page - Sensitron

1N6319US Product details

ZENER 500mW VOLTAGE REGULATOR



PACKAGE STYLE: Zener 500mW (Suffix “US” denotes melf/surface mount packaging)

-All ratings are @ Tc = 25 °C unless otherwise specified.

-Operating -55 °C to +175 °C and storage -65 °C to +175 °C




Similar Part No. - 1N6319US

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6319US CDI-DIODE-1N6319US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N6319US MICROSEMI-1N6319US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N6319US MICROSEMI-1N6319US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
More results


Similar Description - 1N6319US

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5221-LCC3 SEME-LAB-1N5221-LCC3 Datasheet
80Kb / 2P
   500mW ZENER VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C2V4 TSC-BZV79C2V4 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
AiT Semiconductor Inc.
BZT52C2V0 AITSEMI-BZT52C2V0 Datasheet
405Kb / 6P
   ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com