Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5809 Datasheet (PDF) - Sensitron

1N5809 Datasheet PDF - Sensitron
Part # 1N5809
Download  1N5809 Download

File Size   43.19 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER

1N5809 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5809 Datasheet PDF - Sensitron

Part # 1N5809
Download  1N5809 Click to download

File Size   43.19 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER

1N5809 Datasheet (HTML) - Sensitron

1N5809 Datasheet HTML 1Page - Sensitron 1N5809 Datasheet HTML 2Page - Sensitron 1N5809 Datasheet HTML 3Page - Sensitron

1N5809 Product details

HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER

• Hermetic, non-cavity glass package
• Metallurgically bonded
• Manufacture & screen to JANS per MIL-PRF-19500/477
   using Sensitron specification, 7700-409X
• Physical dimensions: Axial lead similar to E package
   and surface mount similar to D-5B
• Operating and Storage Temperature: -65°C to +175°C




Similar Part No. - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
59Kb / 2P
   ULTRA FAST RECTIFIERS
logo
M/A-COM Technology Solu...
1N5809 MA-COM-1N5809 Datasheet
626Kb / 4P
   Popular JEDEC Registered Series
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5809 SENSITRON-1N5809 Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5809 SEMTECH-1N5809 Datasheet
200Kb / 3P
   RECTIFIER, up to 150V, 6A, 30ns
More results


Similar Description - 1N5809

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5807 SENSITRON-1N5807_10 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N6628 SENSITRON-1N6628 Datasheet
58Kb / 3P
   HERMETIC ULTRAFAST RECTIFIER AXIAL LEAD / SURFACE MOUNT (MELF)
1N5807 SENSITRON-1N5807 Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
1N5819-1 SENSITRON-1N5819-1_08 Datasheet
59Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com