Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG6968U Datasheet (PDF) - Diodes Incorporated

DMG6968U Datasheet PDF - Diodes Incorporated
Part # DMG6968U
Download  DMG6968U Download

File Size   153.04 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE MOSFET

DMG6968U Datasheet (PDF)

Go To PDF Page Download Datasheet
DMG6968U Datasheet PDF - Diodes Incorporated

Part # DMG6968U
Download  DMG6968U Click to download

File Size   153.04 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE MOSFET

DMG6968U Datasheet (HTML) - Diodes Incorporated

DMG6968U Datasheet HTML 1Page - Diodes Incorporated DMG6968U Datasheet HTML 2Page - Diodes Incorporated DMG6968U Datasheet HTML 3Page - Diodes Incorporated DMG6968U Datasheet HTML 4Page - Diodes Incorporated DMG6968U Datasheet HTML 5Page - Diodes Incorporated DMG6968U Datasheet HTML 6Page - Diodes Incorporated

DMG6968U Product details

Features
• Low On-Resistance
• 25mΩ @ VGS = 4.5V
• 29mΩ @ VGS = 2.5V
• 36mΩ @ VGS = 1.8V
• Low Input Capacitance
• Fast Switching Speed
• Low Input/Output Leakage
• Lead Free By Design/RoHS Compliant
• ESD Protected Up To 2kV

Mechanical Data
• Case: SOT-23
• Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020D
• Terminals: Finish ⎯ Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208
• Terminals Connections: See Diagram Below
• Marking Information: See Page 4
• Ordering Information: See Page 4
• Weight: 0.008 grams (approximate)




Similar Part No. - DMG6968U

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMG6968U ZPSEMI-DMG6968U Datasheet
154Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMG6968U DIODES-DMG6968U Datasheet
502Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG6968U-7 DIODES-DMG6968U-7 Datasheet
175Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG6968U-7 DIODES-DMG6968U-7 Datasheet
502Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
DMG6968U-7 VBSEMI-DMG6968U-7 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results


Similar Description - DMG6968U

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com