Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD680CS Datasheet (PDF) - Pan Jit International Inc.

BD680CS Datasheet PDF - Pan Jit International Inc.
Part # BD680CS
Download  BD680CS Download

File Size   123.03 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

BD680CS Datasheet (PDF)

Go To PDF Page Download Datasheet
BD680CS Datasheet PDF - Pan Jit International Inc.

Part # BD680CS
Download  BD680CS Click to download

File Size   123.03 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

BD680CS Datasheet (HTML) - Pan Jit International Inc.

BD680CS Datasheet HTML 1Page - Pan Jit International Inc. BD680CS Datasheet HTML 2Page - Pan Jit International Inc. BD680CS Datasheet HTML 3Page - Pan Jit International Inc.

BD680CS Product details

Voltage 40~200 V Current 6 A

Features
● Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O.
● For surface mounted applications in order to optimize board space
● Low power loss, High efficiency
● High surge capacity
● High temperature soldering guaranteed:260oC/10 seconds at terminals
● For use in low voltage, high frequency inverters free wheeling, and
   polarity protection applications
● Lead free in compliance with EU RoHS 2011/65/EU directive.
● Green molding compound as per IEC61249 Std..(Halogen Free)

Mechanical Data
● Case: TO-252 Molded plastic
● Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
● Polarity: As marking
● Standard packaging: 16mm tape (EIA-481)
● Approx. Weight: 0.0104 ounces, 0.297 grams
● Marking: Part number




Similar Part No. - BD680CS

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BD680CS ZSELEC-BD680CS Datasheet
146Kb / 2P
   6.0 A SCHOTTKY BARRIER DIODE
More results


Similar Description - BD680CS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com