Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WA-DT2-101E Datasheet (PDF) - Ohmite Mfg. Co.

WA-DT2-101E Datasheet PDF - Ohmite Mfg. Co.
Part # WA-DT2-101E
Download  WA-DT2-101E Download

File Size   197.47 Kbytes
Page   1 Pages
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.
Description W Series Heatsinks

WA-DT2-101E Datasheet (PDF)

Go To PDF Page Download Datasheet
WA-DT2-101E Datasheet PDF - Ohmite Mfg. Co.

Part # WA-DT2-101E
Download  WA-DT2-101E Click to download

File Size   197.47 Kbytes
Page   1 Pages
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.
Description W Series Heatsinks

WA-DT2-101E Datasheet (HTML) - Ohmite Mfg. Co.

WA-DT2-101E Datasheet HTML 1Page - Ohmite Mfg. Co.

WA-DT2-101E Product details

The unique design (patent pending) of the W Series heat sinks combines a tin plated, solderable, integral spring clip with an extruded aluminum heat sink body for an all-in-one solution to through-hole mounting of TO-220, TO-247, and TO-264 packages. These self-aligning heat sinks feature solderable feet and an integrated clip with 13.2 (lbf) of force on the center of the device to enhance thermal performance.

FEATURES
• Reduced Assembly Cost: spring clip and auto-align feature makes fasteners and fixtures obsolete, along with stray metal filings from tapped holes
• Maximum Repeatability: clamping force of the spring clip is not degraded by repeated loading and unloading
• Maximum Heat Transfer per Unit Space: maximum surface area per unit volume and consistent mounting force reduces thermal resistance
• Maximum Resistance to Shock and Vibration: light weight, resilient spring clip locks the component in place and is highly resistant to shock and vibration
• Maximum Reliability: helps prevent short circuits by eliminating metal particles from thread tapping
• RoHS Compliant




Similar Part No. - WA-DT2-101E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WA-DT2-101E OHMITE-WA-DT2-101E Datasheet
5Mb / 2P
   A HEAT SINK IS A MASS OF THERMALLY CONDUCTIVE MATERIAL
WA-DT2-101E OHMITE-WA-DT2-101E Datasheet
530Kb / 2P
   Maximum Repeatability
WA-DT2-101E OHMITE-WA-DT2-101E Datasheet
333Kb / 1P
   The unique design (patent pending) of the W Series
More results


Similar Description - WA-DT2-101E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
EV-T220-38E OHMITE-EV-T220-38E Datasheet
269Kb / 1P
   E Series Heatsinks
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
311Kb / 1P
   F and R Series Heatsinks
logo
Astec America, Inc
APA501-80-001 ASTEC-APA501-80-001 Datasheet
1Mb / 2P
   Heatsinks and Accessories
logo
Dialight Corporation
LKHS9 DIALIGHT-LKHS9 Datasheet
63Kb / 1P
   LKHS LINKLED HEATSINKS
logo
Ohmite Mfg. Co.
HS-SERIES OHMITE-HS-SERIES Datasheet
395Kb / 2P
   Heatsinks for Arcol Resistors
SV-LED OHMITE-SV-LED Datasheet
267Kb / 1P
   Heatsinks For Power LED Modules
SINK-SVLED OHMITE-SINK-SVLED Datasheet
267Kb / 1P
   Heatsinks For Power LED Modules
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
   Efficiency up to 93%, no need for heatsinks
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
   Efficiency Up To 96%, No Heatsinks Required
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com