Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66E5316 Datasheet (PDF) - Sanyo Semicon Device

LC66E5316 Datasheet PDF - Sanyo Semicon Device
Part # LC66E5316
Download  LC66E5316 Download

File Size   151.59 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM

LC66E5316 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC66E5316 Datasheet PDF - Sanyo Semicon Device

Part # LC66E5316
Download  LC66E5316 Click to download

File Size   151.59 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM

LC66E5316 Datasheet (HTML) - Sanyo Semicon Device

Back Button LC66E5316 Datasheet HTML 1Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 2Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 3Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 4Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 5Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 6Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 7Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 8Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 9Page - Sanyo Semicon Device LC66E5316 Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC66E5316 Product details

Overview
The LC662516A, LC662512A, and LC662508A are 4-bit CMOS microcontrollers that integrate on a single chip all the functions required in a special-purpose telephone controller, including ROM, RAM, I/O ports, a serial interface, a DTMF generator, timers, and interrupt functions. These microcontrollers are available in a 64-pin package.

Features and Functions
• On-chip ROM capacities of 8, 12, and 16 kilobytes, and an on-chip RAM capacity of 512 × 4 bits.
• Fully supports the LC66000 Series common instruction set (128 instructions).
• I/O ports: 58 pins
• DTMF generator
    This microcontroller incorporates a circuit that can generate two sine wave outputs, DTMF output, or a melody output for software applications.
• 8-bit serial interface: Two-wire interface (16-bit data length. Supports cascade connection.)
• Instruction cycle time: 0.95 to 10 µs (at 3.0 to 5.5 V)
• Powerful timer functions and prescalers
    — Time limit timer, event counter, pulse width measurement, and square wave output using a 12-bit timer.
    — Time limit timer, event counter, PWM output, and square wave output using an 8-bit timer.
    — Time base function using a 12-bit prescaler.
• Powerful interrupt system with 11 interrupt factors and 8 interrupt vector locations.
    — External interrupts: 3 factors/3 vector locations
    — Internal interrupts: 8 factors/5 vector locations (Waveform output internal interrupts: 3 factors and 1 vector; shared with external expansion interrupts)
• Flexible I/O functions
    Selectable options include 20mA drive outputs, inverter circuits, pull-up and open drain circuits.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIP64S, QIP64E (QFP64E)
• Evaluation ICs: LC665099 (evaluation chip) + EVA86K-ECB662500 LC66E2516(on-chip EPROM microcontroller)




Similar Part No. - LC66E5316

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66E5316 SANYO-LC66E5316 Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66E5316 SANYO-LC66E5316 Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66E5316 SANYO-LC66E5316 Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66E5316 SANYO-LC66E5316 Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66E5316 SANYO-LC66E5316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results


Similar Description - LC66E5316

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com