Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66356A Datasheet (PDF) - Sanyo Semicon Device

LC66356A Datasheet PDF - Sanyo Semicon Device
Part # LC66356A
Download  LC66356A Download

File Size   201.59 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM

LC66356A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC66356A Datasheet PDF - Sanyo Semicon Device

Part # LC66356A
Download  LC66356A Click to download

File Size   201.59 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM

LC66356A Datasheet (HTML) - Sanyo Semicon Device

Back Button LC66356A Datasheet HTML 1Page - Sanyo Semicon Device LC66356A Datasheet HTML 2Page - Sanyo Semicon Device LC66356A Datasheet HTML 3Page - Sanyo Semicon Device LC66356A Datasheet HTML 4Page - Sanyo Semicon Device LC66356A Datasheet HTML 5Page - Sanyo Semicon Device LC66356A Datasheet HTML 6Page - Sanyo Semicon Device LC66356A Datasheet HTML 7Page - Sanyo Semicon Device LC66356A Datasheet HTML 8Page - Sanyo Semicon Device LC66356A Datasheet HTML 9Page - Sanyo Semicon Device LC66356A Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC66356A Product details

Overview
The LC66E5316 is an on-chip EPROM version of the LC6653XX Series CMOS 4-bit single-chip microcontrollers. The LC66E5316 provides the same functions as the LC665316A, and is pin compatible with that product. Since the LC66E5316 is provided in a window package, it can be reprogrammed repeatedly and is thus optimal for program development.

Features and Functions
• On-chip EPROM capacity of 16 kilobytes, and an onchip RAM capacity of 512 × 4 bits.
• Fully supports the LC66000 Series common instruction set (128 instructions).
• I/O ports: 42 pins
• A sub-oscillator circuit can be used (option)
    This circuit allows power dissipation to be reduced by operating at lower speeds.
• 8-bit serial interface: two circuits (can be connected in cascade to form a 16-bit interface)
• Instruction cycle time: 0.95 to 10 µs (at 4.5 to 5.5 V)
• Powerful timer functions and prescalers
    — Time limit timer, event counter, pulse width measurement, and square wave output using a 12-bit timer.
    — Time limit timer, event counter, PWM output, and square wave output using an 8-bit timer.
    — Time base function using a 12-bit prescaler.
• Powerful interrupt system with 8 interrupt factors and 8 interrupt vector locations.
    — External interrupts: 3 factors/3 vector locations
    — Internal interrupts: 5 factors/5 vector locations
• Flexible I/O functions
    16-value comparator inputs, 20-mA drive outputs, inverter circuits, pull-up and open-drain circuits selectable as options.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIC52S (window), QFC48 (window)
• Evaluation LSIs: LC66599 (evaluation chip) + EVA800/850 - TB662YXX2




Similar Part No. - LC66356A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66356A SANYO-LC66356A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356A SANYO-LC66356A Datasheet
527Kb / 19P
   4-bit single-chip microcomputer with EPROM?
LC66356A SANYO-LC66356A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66356A SANYO-LC66356A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66356A SANYO-LC66356A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results


Similar Description - LC66356A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC58E7008 SANYO-LC58E7008 Datasheet
486Kb / 17P
   On-Chip EPROM Microcomputer 4-Bit Single-Chip Microcontroller with LCD Driver, 16 Kbytes of EPROM and 2Kbits of RAM On-Chip
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com