Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2506 Datasheet (PDF) - Weitron Technology

GBJ2506 Datasheet PDF - Weitron Technology
Part # GBJ2506
Download  GBJ2506 Download

File Size   802.42 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Glass Passivated Bridge Rectifiers

GBJ2506 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ2506 Datasheet PDF - Weitron Technology

Part # GBJ2506
Download  GBJ2506 Click to download

File Size   802.42 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Glass Passivated Bridge Rectifiers

GBJ2506 Datasheet (HTML) - Weitron Technology

GBJ2506 Datasheet HTML 1Page - Weitron Technology GBJ2506 Datasheet HTML 2Page - Weitron Technology GBJ2506 Datasheet HTML 3Page - Weitron Technology

GBJ2506 Product details

Features:
* Rating to 1000V PRV.
* Ideal for printed circuit board.
* Low forward voltage drop, high current capability.
* Reliable low cost construction utilizing molded plastic technique
   resultsininexpensiveproduct.
* Plastic package used has Underwriters Laboratory
   Flammability Classification 94V-0.




Similar Part No. - GBJ2506

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2506 DIODES-GBJ2506 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
Micro Commercial Compon...
GBJ2506 MCC-GBJ2506 Datasheet
633Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier
GBJ2506 MCC-GBJ2506 Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Zibo Seno Electronic En...
GBJ2506 ZSELEC-GBJ2506 Datasheet
157Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Mospec Semiconductor
GBJ2506 MOSPEC-GBJ2506 Datasheet
179Kb / 2P
   Glass passivated chip junction
More results


Similar Description - GBJ2506

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com