Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78816MB Datasheet (PDF) - Sanyo Semicon Device

LC78816MB Datasheet PDF - Sanyo Semicon Device
Part # LC78816MB
Download  LC78816MB Download

File Size   276.27 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 16-Bit D/A Converter for Use in Digital Audio Products

LC78816MB Datasheet (PDF)

Go To PDF Page Download Datasheet
LC78816MB Datasheet PDF - Sanyo Semicon Device

Part # LC78816MB
Download  LC78816MB Click to download

File Size   276.27 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 16-Bit D/A Converter for Use in Digital Audio Products

LC78816MB Datasheet (HTML) - Sanyo Semicon Device

Back Button LC78816MB Datasheet HTML 1Page - Sanyo Semicon Device LC78816MB Datasheet HTML 2Page - Sanyo Semicon Device LC78816MB Datasheet HTML 3Page - Sanyo Semicon Device LC78816MB Datasheet HTML 4Page - Sanyo Semicon Device LC78816MB Datasheet HTML 5Page - Sanyo Semicon Device LC78816MB Datasheet HTML 6Page - Sanyo Semicon Device LC78816MB Datasheet HTML 7Page - Sanyo Semicon Device LC78816MB Datasheet HTML 8Page - Sanyo Semicon Device LC78816MB Datasheet HTML 9Page - Sanyo Semicon Device LC78816MB Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC78816MB Product details

Overview

The LC78816MB and 78816MC are 16-bit CMOS D/A converters for use in digital audio products. They employ a dynamic level shift conversion technique that combines a resistor string (for the upper 9 bits), PWM (for the middle 3 bits), and level shifting (for the lower 4 bits).



Features

• Two’s complement data format

• Two D/A converter channels built in (in-phase outputs)

• Maximum conversion frequency of 400 kHz (support for 8 times oversampling)

• Built-in output op amps

• No deglitching circuit required

• Si gate CMOS process (low power consumption)

• 5 V single-voltage power supply

• Low voltage (3.5 V) operation possible




Similar Part No. - LC78816MB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7881 SANYO-LC7881 Datasheet
301Kb / 8P
   CMOS LSI
LC78815M SANYO-LC78815M Datasheet
188Kb / 10P
   TWO-Channel, 16-bit D/A Converter for Digital Audio Applications
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78817M SANYO-LC78817M Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC7881M SANYO-LC7881M Datasheet
301Kb / 8P
   CMOS LSI
More results


Similar Description - LC78816MB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Sanyo Semicon Device
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78815M SANYO-LC78815M Datasheet
188Kb / 10P
   TWO-Channel, 16-bit D/A Converter for Digital Audio Applications
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
   18-Bit A/D Converter for Digital Audio Applications
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com