Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT6P20B2T3 Datasheet (PDF) - Holtek Semiconductor Inc

HT6P20B2T3 Datasheet PDF - Holtek Semiconductor Inc
Part # HT6P20B2T3
Download  HT6P20B2T3 Download

File Size   147.78 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2 Encoder with ASK Transmitter

HT6P20B2T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT6P20B2T3 Datasheet PDF - Holtek Semiconductor Inc

Part # HT6P20B2T3
Download  HT6P20B2T3 Click to download

File Size   147.78 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2 Encoder with ASK Transmitter

HT6P20B2T3 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT6P20B2T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT6P20B2T3 Product details

General Description
The HT6P20x2T3 is a CMOS LSI encoder designed for remote control system applications. It encodes 24 bits of information and then serially transmits it via the PAOUT pin upon receipt of transmission enable (DATA pins: D0~D4) signals. In addition, the device offers various packaging for flexible combination of address/data so as to meet the needs of various applications. Its address/data is transmitted together with the anti-code bits using an RF transmission medium upon receipt of a trigger signal.

Features
Complete UHF transmitter
Frequency range 300MHz to 450MHz
ASK modulation
Output Power to 10dBm
Low external part count
Low voltage operation (down to 2.0V)
224 maximum address and data codes
Data active: D0~D4

Applications
Burglar alarm system
Smoke and fire alarm system
Garage door controllers
Car door controllers
Security systems
Cordless telephones
Other remote control systems




Similar Part No. - HT6P20B2T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20B HOLTEK-HT6P20B Datasheet
144Kb / 13P
   OTP Encoder
HT6P20B HOLTEK-HT6P20B Datasheet
121Kb / 13P
   OTP Encoder
HT6P20B HOLTEK-HT6P20B Datasheet
136Kb / 14P
   OTP Encoder
HT6P20B HOLTEK-HT6P20B_16 Datasheet
136Kb / 14P
   224 OTP Encoder
More results


Similar Description - HT6P20B2T3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFHCS362F MICROCHIP-RFHCS362F Datasheet
502Kb / 60P
   Code Hopping Encoder with UHF ASK/FSK Transmitter
2002
RFHCS362G MICROCHIP-RFHCS362G_11 Datasheet
928Kb / 54P
   KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
2011
logo
Melexis Microelectronic...
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
   ASK Transmitter
TH72002 MELEXIS-TH72002_12 Datasheet
700Kb / 20P
   ASK Transmitter
TH72032 MELEXIS-TH72032_12 Datasheet
691Kb / 20P
   ASK Transmitter
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
   ASK Transmitter
logo
Infineon Technologies A...
TX98-4 INFINEON-TX98-4 Datasheet
1Mb / 20P
   ASK Transmitter
Revision 1.0, 2010-04-23
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
   FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
   FSK/ASK Transmitter
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com