Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48R064D Datasheet (PDF) - Holtek Semiconductor Inc

HT48R064D Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R064D
Download  HT48R064D Download

File Size   557.72 Kbytes
Page   100 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Type MCU with High Current LED Driver

HT48R064D Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R064D Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R064D
Download  HT48R064D Click to download

File Size   557.72 Kbytes
Page   100 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Type MCU with High Current LED Driver

HT48R064D Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT48R064D Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT48R064D Product details

General Description
The Enhanced I/O MCUs are a series of 8-bit high performance, RISC architecture microcontrollers specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness. The fully integrated system oscillator HIRC, which requires no external components and which has three frequency selections, opens up a huge range of new application possibilities for these devices, some of which may include industrial control, consumer products, household appliances subsystem controllers, etc.

Features
CPU Features
• Operating voltage:
   fSYS = 4MHz: 2.2V~5.5V
   fSYS = 8MHz: 3.3V~5.5V
   fSYS = 12MHz: 4.5V~5.5V
• Up to 0.33μs instruction cycle with 12MHz system clock at VDD= 5V
• Oscillator types:
   External high freuency Crystal -- HXT
   External RC -- ERC
   Internal RC -- HIRC
   External low frequency crystal -- LXT
• Three operational modes: Normal, Slow, Sleep
• Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
• Watchdog Timer function
• LIRC oscillator function for watchdog timer
• All instructions executed in one or two instruction cycles
• Table read instructions
• 63 powerful instructions
• Up to 6-level subroutine nesting
• Bit manipulation instruction
• Low voltage reset function
• Wide range of available package types

Peripheral Features
• Up to 26 bidirectional I/O lines
• Software controlled 4-SCOM lines LCD driver with 1/2 bias
• External interrupt input shared with an I/O line
• Up to three 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler
• Time-Base function
• Programmable Frequency Divider -- PFD




Similar Part No. - HT48R064D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R064 HOLTEK-HT48R064 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R064 HOLTEK-HT48R064 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R064B HOLTEK-HT48R064B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R064B HOLTEK-HT48R064B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
   Enhanced I/O Type MCU with OPA
More results


Similar Description - HT48R064D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
   Enhanced I/O Type MCU with OPA
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
   Enhanced I/O Type MCU with OPA
HT46R064D HOLTEK-HT46R064D Datasheet
777Kb / 114P
   Enhanced A/D Type MCU with High Current LED Driver
HT48R54A HOLTEK-HT48R54A Datasheet
272Kb / 40P
   I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
HT48R52A HOLTEK-HT48R52A Datasheet
258Kb / 36P
   I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
HT68F13 HOLTEK-HT68F13 Datasheet
2Mb / 161P
   Enhanced I/O Flash Type MCU
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
   Enhanced I/O Flash Type MCU
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
   Enhanced I/O Flash Type MCU with EEPROM
HT48R54A HOLTEK-HT48R54A_10 Datasheet
283Kb / 39P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R52A HOLTEK-HT48R52A_10 Datasheet
252Kb / 35P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com