Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS75E Datasheet (PDF) - Vectron International, Inc

TFS75E Datasheet PDF - Vectron International, Inc
Part # TFS75E
Download  TFS75E Download

File Size   253.43 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Filter specification

TFS75E Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS75E Datasheet PDF - Vectron International, Inc

Part # TFS75E
Download  TFS75E Click to download

File Size   253.43 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Filter specification

TFS75E Datasheet (HTML) - Vectron International, Inc

TFS75E Datasheet HTML 1Page - Vectron International, Inc TFS75E Datasheet HTML 2Page - Vectron International, Inc TFS75E Datasheet HTML 3Page - Vectron International, Inc TFS75E Datasheet HTML 4Page - Vectron International, Inc TFS75E Datasheet HTML 5Page - Vectron International, Inc

TFS75E Product details

Measurement condition

   Ambient temperature: 23 °C
   Input power level: 0 dBm
   Terminating impedance: *
                          Input: 1100 Ω || -3,9 pF
                          Output: 1100 Ω || -3,9 pF
                          External Coil: 390 nH




Similar Part No. - TFS75E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS75 VECTRON-TFS75 Datasheet
56Kb / 3P
   Filter specification
TFS751 VECTRON-TFS751 Datasheet
182Kb / 5P
   Vectron International Filter specification
TFS755A VECTRON-TFS755A Datasheet
190Kb / 5P
   Vectron International Filter specification
TFS755B VECTRON-TFS755B Datasheet
211Kb / 5P
   Vectron International Filter specification
TFS756 VECTRON-TFS756 Datasheet
186Kb / 5P
   VI TELEFILTER Filter specification
More results


Similar Description - TFS75E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com