Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863224A Datasheet (PDF) - Sanyo Semicon Device

LC863224A Datasheet PDF - Sanyo Semicon Device
Part # LC863224A
Download  LC863224A Download

File Size   654.73 Kbytes
Page   20 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller

LC863224A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC863224A Datasheet PDF - Sanyo Semicon Device

Part # LC863224A
Download  LC863224A Click to download

File Size   654.73 Kbytes
Page   20 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller

LC863224A Datasheet (HTML) - Sanyo Semicon Device

Back Button LC863224A Datasheet HTML 1Page - Sanyo Semicon Device LC863224A Datasheet HTML 2Page - Sanyo Semicon Device LC863224A Datasheet HTML 3Page - Sanyo Semicon Device LC863224A Datasheet HTML 4Page - Sanyo Semicon Device LC863224A Datasheet HTML 5Page - Sanyo Semicon Device LC863224A Datasheet HTML 6Page - Sanyo Semicon Device LC863224A Datasheet HTML 7Page - Sanyo Semicon Device LC863224A Datasheet HTML 8Page - Sanyo Semicon Device LC863224A Datasheet HTML 9Page - Sanyo Semicon Device LC863224A Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC863224A Product details

Preliminary

Overview

The LC863232/28/24/20/16A are 8-bit single chip microcontrollers with the following on-chip functional blocks:

  - CPU : Operable at a minimum bus cycle time of 0.424µs

  - On-chip ROM capacity Program ROM : 32K/28K/24K/20K/16K bytes CGROM : 16K bytes

  - On-chip RAM capacity : 512 bytes

  - OSD RAM : 352 ×9 bits

  - Closed-Caption TV controller and the on-screen display controller

  - Closed-Caption data slicer

  - Four channels ×8-bit AD Converter

  - Three channels ×7-bit PWM

  - Two 16-bit timer/counters, 14-bit base timer

  - 8-bit synchronous serial interface circuit

  - IIC-bus compliant serial interface circuit (Multi-master type)

  - ROM correction function

  - 16-source 10-vectored interrupt system

  - Integrated system clock generator and display clock generator Only one X’tal oscillator (32.768kHz) for PLL reference is used for both generators TV control and the Closed Caption function

All of the above functions are fabricated on a single chip




Similar Part No. - LC863224A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863224C SANYO-LC863224C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
More results


Similar Description - LC863224A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com