Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC868116A Datasheet (PDF) - Sanyo Semicon Device

LC868116A Datasheet PDF - Sanyo Semicon Device
Part # LC868116A
Download  LC868116A Download

File Size   686.66 Kbytes
Page   28 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip

LC868116A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC868116A Datasheet PDF - Sanyo Semicon Device

Part # LC868116A
Download  LC868116A Click to download

File Size   686.66 Kbytes
Page   28 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip

LC868116A Datasheet (HTML) - Sanyo Semicon Device

Back Button LC868116A Datasheet HTML 1Page - Sanyo Semicon Device LC868116A Datasheet HTML 2Page - Sanyo Semicon Device LC868116A Datasheet HTML 3Page - Sanyo Semicon Device LC868116A Datasheet HTML 4Page - Sanyo Semicon Device LC868116A Datasheet HTML 5Page - Sanyo Semicon Device LC868116A Datasheet HTML 6Page - Sanyo Semicon Device LC868116A Datasheet HTML 7Page - Sanyo Semicon Device LC868116A Datasheet HTML 8Page - Sanyo Semicon Device LC868116A Datasheet HTML 9Page - Sanyo Semicon Device LC868116A Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC868116A Product details

Overview
The LC868116A/12A/08A microcontrollers are 8-bit single chip microcontrollers with the following on-chip functional blocks :
    - CPU : Operable at a minimum bus cycle time of 0.5µs (microseconds)
    - On-chip ROM maximum capacity : 16K bytes
    - On-chip RAM capacity : 640 bytes
    - Dot-matrix liquid crystal display (LCD) automatic display controller / driver
    - External memory
    - 16-bit timer / counter (or two 8-bit timers)
    - 16-bit timer / PWM (or two 8-bit timers)
    - Two 8-bit synchronous serial-interface circuits
    - 13-source 9-level vectored interrupt system
All of the above functions are fabricated on a single chip




Similar Part No. - LC868116A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868008A SANYO-LC868008A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868012A SANYO-LC868012A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016A SANYO-LC868016A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results


Similar Description - LC868116A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com