Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC875148A Datasheet (PDF) - Sanyo Semicon Device

LC875148A Datasheet PDF - Sanyo Semicon Device
Part # LC875148A
Download  LC875148A Download

File Size   786.35 Kbytes
Page   25 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip

LC875148A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC875148A Datasheet PDF - Sanyo Semicon Device

Part # LC875148A
Download  LC875148A Click to download

File Size   786.35 Kbytes
Page   25 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip

LC875148A Datasheet (HTML) - Sanyo Semicon Device

Back Button LC875148A Datasheet HTML 1Page - Sanyo Semicon Device LC875148A Datasheet HTML 2Page - Sanyo Semicon Device LC875148A Datasheet HTML 3Page - Sanyo Semicon Device LC875148A Datasheet HTML 4Page - Sanyo Semicon Device LC875148A Datasheet HTML 5Page - Sanyo Semicon Device LC875148A Datasheet HTML 6Page - Sanyo Semicon Device LC875148A Datasheet HTML 7Page - Sanyo Semicon Device LC875148A Datasheet HTML 8Page - Sanyo Semicon Device LC875148A Datasheet HTML 9Page - Sanyo Semicon Device LC875148A Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC875148A Product details

Overview
The LC875164A/48A/32A microcontroller is 8-bit single chip microcontroller with the following on-chip functional blocks:

   - CPU: Operable at a minimum bus cycle time of 100ns
   - 64K/48K/32K bytes ROM
   - 1024 byte RAM
   - two high performance 16 bit timer/counters (can be divided into 8 bit units)
   - two 8 bit timers with prescalers
   - timer for use as date/time clock
   - two synchronous serial I/O ports (with automatic block transmit/receive function)
   - one asynchronous/synchronous serial I/O port
   - 12-bit PWM × 2
   - 8-channel × 8-bit AD converter
   - high speed 8-bit parallel interface
   - 19-source 10-vectored interrupt system

All of the above functions are fabricated on a single chip.




Similar Part No. - LC875148A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results


Similar Description - LC875148A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com