Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N60G-x-TF3-T Datasheet (PDF) - Unisonic Technologies

2N60G-x-TF3-T Datasheet PDF - Unisonic Technologies
Part # 2N60G-x-TF3-T
Download  2N60G-x-TF3-T Download

File Size   224.53 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET

2N60G-x-TF3-T Datasheet (PDF)

Go To PDF Page Download Datasheet
2N60G-x-TF3-T Datasheet PDF - Unisonic Technologies

Part # 2N60G-x-TF3-T
Download  2N60G-x-TF3-T Click to download

File Size   224.53 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET

2N60G-x-TF3-T Datasheet (HTML) - Unisonic Technologies

2N60G-x-TF3-T Datasheet HTML 1Page - Unisonic Technologies 2N60G-x-TF3-T Datasheet HTML 2Page - Unisonic Technologies 2N60G-x-TF3-T Datasheet HTML 3Page - Unisonic Technologies 2N60G-x-TF3-T Datasheet HTML 4Page - Unisonic Technologies 2N60G-x-TF3-T Datasheet HTML 5Page - Unisonic Technologies 2N60G-x-TF3-T Datasheet HTML 6Page - Unisonic Technologies

2N60G-x-TF3-T Product details

The UTC 2N60 is a high voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power upplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.



FEATURES

* RDS(ON) = 5Ω@VGS= 10V

* Ultra Low gate charge (typical 9.0nC)

* Low reverse transfer capacitance (CRSS= typical 5.0 pF)

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness




Similar Part No. - 2N60G-x-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60G-E-K08-5060-R UTC-2N60G-E-K08-5060-R Datasheet
280Kb / 7P
   2A, 600V N-CHANNEL POWER MOSFET
2N60G-E-K08-5060-R UTC-2N60G-E-K08-5060-R Datasheet
294Kb / 7P
   N-CHANNEL ENHANCEMENT MODE
2N60G-T2Q-T UTC-2N60G-T2Q-T Datasheet
245Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
2N60G-T2Q-T UTC-2N60G-T2Q-T Datasheet
280Kb / 7P
   2A, 600V N-CHANNEL POWER MOSFET
2N60G-T2Q-T UTC-2N60G-T2Q-T Datasheet
294Kb / 7P
   N-CHANNEL ENHANCEMENT MODE
More results


Similar Description - 2N60G-x-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60 Datasheet
211Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com