Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB05-09 Datasheet (PDF) - Sanyo Semicon Device

SB05-09 Datasheet PDF - Sanyo Semicon Device
Part # SB05-09
Download  SB05-09 Download

File Size   58.4 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 90V, 500mA Rectifier

SB05-09 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB05-09 Datasheet PDF - Sanyo Semicon Device

Part # SB05-09
Download  SB05-09 Click to download

File Size   58.4 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 90V, 500mA Rectifier

SB05-09 Datasheet (HTML) - Sanyo Semicon Device

SB05-09 Datasheet HTML 1Page - Sanyo Semicon Device SB05-09 Datasheet HTML 2Page - Sanyo Semicon Device

SB05-09 Product details

90V, 500mA Rectifier

Features
• Low forward voltage (VF max=0.7V).
• Fast reverse recorvery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB05-09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-03C SANYO-SB05-03C Datasheet
61Kb / 2P
   30V, 500mA Rectifier
logo
ON Semiconductor
SB05-03C ONSEMI-SB05-03C Datasheet
296Kb / 5P
   Schottky Barrier Diode
September, 2013
SB05-03C-TB-E ONSEMI-SB05-03C-TB-E Datasheet
296Kb / 5P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SB05-03Q SANYO-SB05-03Q Datasheet
63Kb / 2P
   30V, 500mA Rectifier
logo
ON Semiconductor
SB05-03Q ONSEMI-SB05-03Q Datasheet
303Kb / 5P
   Schottky Barrier Diode
September, 2013
More results


Similar Description - SB05-09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
   90V, 200mA Rectifier
SB005-09CP SANYO-SB005-09CP Datasheet
55Kb / 2P
   90V, 50mA Rectifier
SB100-09J SANYO-SB100-09J Datasheet
81Kb / 3P
   90V, 10A Rectifier
SB160-09R SANYO-SB160-09R Datasheet
80Kb / 3P
   90V, 16A Rectifier
SBA50-09Y SANYO-SBA50-09Y Datasheet
81Kb / 3P
   90V, 5A Rectifier
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
SB300-09 SANYO-SB300-09 Datasheet
80Kb / 3P
   90V, 30A Rectifier
SB300-09R SANYO-SB300-09R Datasheet
80Kb / 3P
   90V, 30A Rectifier
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SB250-09R SANYO-SB250-09R Datasheet
80Kb / 3P
   90V, 25A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com