Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB20-05T Datasheet (PDF) - Sanyo Semicon Device

SB20-05T Datasheet PDF - Sanyo Semicon Device
Part # SB20-05T
Download  SB20-05T Download

File Size   78.33 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 2A Rectifier

SB20-05T Datasheet (PDF)

Go To PDF Page Download Datasheet
SB20-05T Datasheet PDF - Sanyo Semicon Device

Part # SB20-05T
Download  SB20-05T Click to download

File Size   78.33 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 2A Rectifier

SB20-05T Datasheet (HTML) - Sanyo Semicon Device

SB20-05T Datasheet HTML 1Page - Sanyo Semicon Device SB20-05T Datasheet HTML 2Page - Sanyo Semicon Device SB20-05T Datasheet HTML 3Page - Sanyo Semicon Device

SB20-05T Product details

50V, 2A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=20ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB20-05T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-05 SANYO-SB20-05 Datasheet
77Kb / 3P
   50V, 2A Rectifier
SB20-05 SANYO-SB20-05 Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05F SANYO-SB20-05F Datasheet
77Kb / 3P
   50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
   50V, 2A Rectifier
More results


Similar Description - SB20-05T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-05F SANYO-SB20-05F Datasheet
77Kb / 3P
   50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20W05T SANYO-SB20W05T Datasheet
82Kb / 3P
   50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
   50V, 2A Rectifier
SB20W05Z SANYO-SB20W05Z Datasheet
71Kb / 2P
   50V, 2A Rectifier
SB20-05P SANYO-SB20-05P Datasheet
67Kb / 2P
   50V, 2A Rectifier
SB20-05Z SANYO-SB20-05Z Datasheet
68Kb / 2P
   50V, 2A Rectifier
SB20W05V SANYO-SB20W05V Datasheet
70Kb / 2P
   50V, 2A Rectifier
logo
PFC Device Inc.
PFA2V50 PFC-PFA2V50 Datasheet
562Kb / 5P
   2A 50V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
S2AH TSC-S2AH Datasheet
560Kb / 6P
   2A, 50V - 1400V Surface Mount Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com