Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSEZ1317A Datasheet (PDF) - Fairchild Semiconductor

FSEZ1317A Datasheet PDF - Fairchild Semiconductor
Part # FSEZ1317A
Download  FSEZ1317A Download

File Size   1038.79 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Primary-Side-Regulation PWM with POWER MOSFET Integrated

FSEZ1317A Datasheet (PDF)

Go To PDF Page Download Datasheet
FSEZ1317A Datasheet PDF - Fairchild Semiconductor

Part # FSEZ1317A
Download  FSEZ1317A Click to download

File Size   1038.79 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Primary-Side-Regulation PWM with POWER MOSFET Integrated

FSEZ1317A Datasheet (HTML) - Fairchild Semiconductor

Back Button FSEZ1317A Datasheet HTML 1Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 2Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 3Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 4Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 5Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 6Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 7Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 8Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 9Page - Fairchild Semiconductor FSEZ1317A Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSEZ1317A Product details

Description

This third-generation Primary-Side-Regulation (PSR) and highly integrated PWM controller provides several features to enhance the performance of low-power flyback converters. The proprietary topology, TRUECURRENT® , of FSEZ1317A enables precise CC regulation and simplified circuit design for battery charger applications. A low-cost, smaller, and lighter charger results, as compared to a conventional design or a linear transformer.



Features

Low Standby Power Under 30mW

High-Voltage Startup

Fewest External Component Counts

Constant-Voltage (CV) and Constant-Current (CC Control without Secondary-Feedback Circuitry

Green-Mode: Linearly Decreasing PWM Frequenc

Fixed PWM Frequency at 50kHz with Frequency Hopping to Solve EMI Problem

Cable Compensation in CV Mode

Peak-Current-Mode Control in CV Mode

Cycle-by-Cycle Current Limiting

VDD Over-Voltage Protection with Auto Restart

VDD Under-Voltage Lockout (UVLO)

Gate Output Maximum Voltage Clamped at 15V

Fixed Over-Temperature Protection with Auto Restart

Available in the 7-Lead SOP Package



Applications

Battery chargers for cellular phones, cordless phones, PDA, digital cameras, power tools, etc.

Replaces linear transformers and RCC SMPS




Similar Part No. - FSEZ1317A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
More results


Similar Description - FSEZ1317A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1317 FAIRCHILD-FSEZ1317 Datasheet
963Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216 FAIRCHILD-FSEZ1216 Datasheet
539Kb / 14P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com