Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP60D0DPP-M0 Datasheet (PDF) - Renesas Technology Corp

RJP60D0DPP-M0 Datasheet PDF - Renesas Technology Corp
Part # RJP60D0DPP-M0
Download  RJP60D0DPP-M0 Download

File Size   85.11 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT High Speed Power Switching

RJP60D0DPP-M0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP60D0DPP-M0 Datasheet PDF - Renesas Technology Corp

Part # RJP60D0DPP-M0
Download  RJP60D0DPP-M0 Click to download

File Size   85.11 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT High Speed Power Switching

RJP60D0DPP-M0 Datasheet (HTML) - Renesas Technology Corp

RJP60D0DPP-M0 Datasheet HTML 1Page - Renesas Technology Corp RJP60D0DPP-M0 Datasheet HTML 2Page - Renesas Technology Corp RJP60D0DPP-M0 Datasheet HTML 3Page - Renesas Technology Corp RJP60D0DPP-M0 Datasheet HTML 4Page - Renesas Technology Corp RJP60D0DPP-M0 Datasheet HTML 5Page - Renesas Technology Corp RJP60D0DPP-M0 Datasheet HTML 6Page - Renesas Technology Corp RJP60D0DPP-M0 Datasheet HTML 7Page - Renesas Technology Corp

RJP60D0DPP-M0 Product details

Silicon N Channel IGBT High Speed Power Switching



Features

  Short circuit withstand time (5 s typ.)

  Low collector to emitter saturation voltage

           VCE(sat)= 1.6 V typ. (IC= 22 A, VGE= 15 V, Ta = 25°C)

  Gate to emitter voltage rating 30 V

  Pb-free lead plating and chip bonding




Similar Part No. - RJP60D0DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0_15 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Similar Description - RJP60D0DPP-M0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com