Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA276C Datasheet (PDF) - Solid States Devices, Inc

SDA276C Datasheet PDF - Solid States Devices, Inc
Part # SDA276C
Download  SDA276C Download

File Size   80.92 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description SINGLE PHASE BRIDGE RECTIFIER

SDA276C Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA276C Datasheet PDF - Solid States Devices, Inc

Part # SDA276C
Download  SDA276C Click to download

File Size   80.92 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description SINGLE PHASE BRIDGE RECTIFIER

SDA276C Datasheet (HTML) - Solid States Devices, Inc

SDA276C Datasheet HTML 1Page - Solid States Devices, Inc SDA276C Datasheet HTML 2Page - Solid States Devices, Inc

SDA276C Product details

FEATURES:
• Average Output Current 3.0 Amps @ 55°C
• PIV 50 to 1000 Volts Per Leg
• Reverse Recovery Time: 150nsec - 1μsec
• Operating and Storage Temperature -55°C to +150°C
• Subminiature Design for Packaging Versatility
• Surface Mount Bent Leads Available
• Available in Higher Voltages
• Replacement for 673-1 thru 673-6 and 676-1 thru 676-6
• Available in Standard, Fast, Ultra Fast, and Hyper Fast Recovery Times
• TX, TXV, and S-Level Screening Available



Similar Part No. - SDA276C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA276CF SSDI-SDA276CF Datasheet
203Kb / 2P
   1AMP FAST RECOVERRY RECTIFIER BRIDGE ASSEMBLY
SDA276CM SSDI-SDA276CM Datasheet
226Kb / 2P
   1.5 AMP BRIDGE RECTIFIER ASSEMBLY
More results


Similar Description - SDA276C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com