Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1605D24XA Datasheet (PDF) - Make-Ps

1605D24XA Datasheet PDF - Make-Ps
Part # 1605D24XA
Download  1605D24XA Download

File Size   154.42 Kbytes
Page   3 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single, Dual, Triple Output DC/DC Converter

1605D24XA Datasheet (PDF)

Go To PDF Page Download Datasheet
1605D24XA Datasheet PDF - Make-Ps

Part # 1605D24XA
Download  1605D24XA Click to download

File Size   154.42 Kbytes
Page   3 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single, Dual, Triple Output DC/DC Converter

1605D24XA Datasheet (HTML) - Make-Ps

1605D24XA Datasheet HTML 1Page - Make-Ps 1605D24XA Datasheet HTML 2Page - Make-Ps 1605D24XA Datasheet HTML 3Page - Make-Ps

1605D24XA Product details

DESCRIPTIONS
The 1600XA series 16 watts high performance DC/DC converters are cost effective solution to the high reliability and performance requirements of power distribution systems in applications ranging from high speed data communications equipment to industrial robotic systems.
   
FEATURES
• 6 sided Continuous Shielding
• Synchronization
• 10W/In3 Power Density
• Wide 2:1 Input Voltage Range
• Efficiency to 82%
• -55°C to +85°C Operation
• Meets MIL-STD-810 & MIL-STD-202
   




Similar Part No. - 1605D24XA

ManufacturerPart #DatasheetDescription
logo
Make-Ps
1605D24 MAKE-PS-1605D24 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
More results


Similar Description - 1605D24XA

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com