Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2112S24 Datasheet (PDF) - Make-Ps

2112S24 Datasheet PDF - Make-Ps
Part # 2112S24
Download  2112S24 Download

File Size   382.04 Kbytes
Page   6 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single, Dual, Triple Output DC/DC Converter

2112S24 Datasheet (PDF)

Go To PDF Page Download Datasheet
2112S24 Datasheet PDF - Make-Ps

Part # 2112S24
Download  2112S24 Click to download

File Size   382.04 Kbytes
Page   6 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single, Dual, Triple Output DC/DC Converter

2112S24 Datasheet (HTML) - Make-Ps

2112S24 Datasheet HTML 1Page - Make-Ps 2112S24 Datasheet HTML 2Page - Make-Ps 2112S24 Datasheet HTML 3Page - Make-Ps 2112S24 Datasheet HTML 4Page - Make-Ps 2112S24 Datasheet HTML 5Page - Make-Ps 2112S24 Datasheet HTML 6Page - Make-Ps

2112S24 Product details

DESCRIPTIONS

The 2100 series 20 watts high performance DC/DC converters are cost effective solution to the high reliability and performance requirements of power distribution systems in applications ranging from high speed data communications equipment to industrial robotic systems. The 2100 series operates over 2:1 input voltage ranges of 10 to 18, 18 to 36 or 36 to 72VDC; providing single, dual and triple output combinations of 5, 12, 15, ±5, ±12, ±15, 5/±12 and 5/±15 VDC. All models are packaged in compact, low profile 2” X 2” X 0.4” metal cases.



FEATURES

• 6 sided Continuous Shielding

• Synchronization and Output Trim

• 12.5W/In3 Power Density

• Efficiency to 87%

• UL 1950 Approved

• CSA 22.2-950 Approved

• VDE / EN 60950 Approved



 




Similar Part No. - 2112S24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2112S-AI0025-AQ0120 ETC1-2112S-AI0025-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
2112S-AI0030-AQ0120 ETC1-2112S-AI0030-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
2112S-AQ0025-AQ0120 ETC1-2112S-AQ0025-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
2112S-AQ0030-AQ0120 ETC1-2112S-AQ0030-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
2112S-AS0025-AQ0120 ETC1-2112S-AS0025-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
More results


Similar Description - 2112S24

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com