Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1029UK Datasheet (PDF) - Seme LAB

D1029UK Datasheet PDF - Seme LAB
Part # D1029UK
Download  D1029UK Download

File Size   63.62 Kbytes
Page   4 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description METAL GATE RF SILICON FET

D1029UK Datasheet (PDF)

Go To PDF Page Download Datasheet
D1029UK Datasheet PDF - Seme LAB

Part # D1029UK
Download  D1029UK Click to download

File Size   63.62 Kbytes
Page   4 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description METAL GATE RF SILICON FET

D1029UK Datasheet (HTML) - Seme LAB

D1029UK Datasheet HTML 1Page - Seme LAB D1029UK Datasheet HTML 2Page - Seme LAB D1029UK Datasheet HTML 3Page - Seme LAB D1029UK Datasheet HTML 4Page - Seme LAB

D1029UK Product details

GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 350W – 28V – 175MHz PUSH–PULL

FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 13 dB MINIMUM

APPLICATIONS
• VHF/UHF COMMUNICATIONS from 1 MHz to 200 MHz




Similar Part No. - D1029UK

ManufacturerPart #DatasheetDescription
logo
Sanken electric
D102 SANKEN-D102 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
MicroPower Direct, LLC
D102 MPD-D102 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
American Electronic Com...
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
logo
C&K Components
D102 CK-COMPONENTS-D102 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Seme LAB
D1020 SEME-LAB-D1020 Datasheet
244Kb / 6P
   METAL GATE RF SILICON FET
More results


Similar Description - D1029UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com